Electronic Components Datasheet Search
  English  ▼

X  

SBF1 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SBF1
Description  Compact modular self-contained photoelectric sensing controls
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SBF1 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SBF1 Datasheet HTML 1Page - List of Unclassifed Manufacturers SBF1 Datasheet HTML 2Page - List of Unclassifed Manufacturers SBF1 Datasheet HTML 3Page - List of Unclassifed Manufacturers SBF1 Datasheet HTML 4Page - List of Unclassifed Manufacturers SBF1 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SBF1
Range: see excess gain
curves
Response: 1ms on/off
Repeatability: 0.3ms
Beam: infrared, 940nm
Fiber optic information:
IT13S: individual assembly
.06in (1,5mm) dia. bundle
IT23S: individual assembly
.12 in. (3mm) dia. bundle
BT13S: bifurcated assem-
bly, .06 in. (1,5mm) dia.
bundle
BT23S: bifurcated assem-
bly, .12 in. (3mm) dia.
bundle
L9: .5in. (12mm) dia. lens
L16F: 1.0 in. (25mm) dia.
lens
For information on the
complete line of glass fiber
optics, see Banner product
catalog.
HIGH-SPEED SCANNER BLOCK
Fiber optics are often used to sense small parts. Small parts or narrow profiles which move at a high rate of speed can require sensors with fast response times for
reliable detection. High speed fiber optic sensors are ideal for sensing gear or sprocket teeth or other targets in applications involving counters or shift registers for
position control. Selection of the fiber optic sensing tip should involve matching the effective beam of the fiber to the profile of the part to be sensed to maximize
the time that the part is sensed and/or the time between adjacent parts. Combining the best selection of fiber tip geometry with a high speed sensor will result in
a highly repeatable position sensing system. The model BT13S fiber optic assembly used with a model L9 or L16F lens and a high speed scanner block is an excellent
system for retroreflective code reading or for almost any short range retroreflective sensing application. Response time of a MULTI-BEAM sensor is also a function
of the power block. For this reason, only power blocks which switch dc (e.g. PBT, PBP, PBO, PBAT, etc) should be used if the fast response time of the scanner
block is to be utilized.
SBF1MHS
Range: see excess gain
curves
Response: 300 microsec-
onds on/off
Repeatability:
100 microseconds
Beam: infrared, 940nm
NOTE: gain curves illus-
trate that faster response
comes at the expense of
lower gain.
Beam Pattern
Sensing Mode
10
1
DISTANCE
100
1000
.1 FT
1 FT
10 FT
100 FT
with
L9
lenses
with
L16F
lenses
Opposed mode,
with IT23S fibers
SBF1
no lenses
E
X
C
E
S
S
G
A
I
N
I
FIBER OPTIC Mode
(glass fiber optics)
10
1
DISTANCE
100
1000
.1 IN
1 IN
10 IN
100 IN
SBF1
Diffuse mode
(Range based on 90% reflectance
white test card)
with
BT13S
fibers
with
BT23S fibers
E
X
C
E
S
S
G
A
I
N
I
10
1
DISTANCE
100
1000
.1 FT
1 FT
10 FT
100 FT
with
L9
lenses
with
L16F
lenses
Retroreflective mode,
with BRT-3 reflector
and BT13S fibers
E
X
C
E
S
S
G
A
I
N
I
SBF1
10
1
DISTANCE
100
1000
1 IN
10 IN
100 IN
.1 IN
SBF1MHS
with IT13S
fibers
with IT23S
fibers
with IT23S
fibers and
L9 lenses
E
X
C
E
S
S
G
A
I
N
I
10
1
DISTANCE
100
1000
.1 IN
1 IN
10 IN
.01 IN
SBF1MHS
(Diffuse mode,
ranges based on
90% reflectance
white test card)
with BT23S
fiber
with BT13S
fiber
E
X
C
E
S
S
G
A
I
N
I
4
0
0
I
N
C
H
E
S
8
12
16
20
1
2
3
1
2
3
IT13S fibers
IT23S fibers
SBF1
opposed mode
OPPOSED DISTANCE--INCHES
NO LENSES
0
0
2
4
6
2
4
6
4
8
12
16
20
I
N
C
H
E
S
SBF1
DISTANCE TO REFLECTOR--FEET
L9 LENS
L16F LENS
with BT13S fibers
and BRT-3 reflector
0
0
DISTANCE TO 90% WHITE TEST CARD--INCHES
.025
.05
.075
.025
.05
.075
.5
1.0
1.5
2.0
2.5
I
N
C
H
E
S
BT13S
BT23S
SBF1
0
0
OPPOSED DISTANCE--INCHES
1
2
3
1
2
3
8
16
24
32
40
I
N
C
H
E
S
SBF1MHS opposed mode
IT23S w/L9
IT23S
IT13S
0
0
DISTANCE TO 90% WHITE TEST CARD--INCHES
.025
.05
.075
.025
.05
.075
.2
.4
.6
.8
1.0
I
N
C
H
E
S
BT13S fibers
BT23S fibers
SBF1MHS
diffuse mode
MULTI-BEAM 3- & 4-wire Scanner Blocks
OPPOSED MODE
OBJECT
RETROREFLECTIVE MODE
DIFFUSE MODE
For complete information on glass
fiber optic assemblies and accessories,
see Banner product catalog.
DIFFUSE MODE
OPPOSED MODE
OBJECT
VERY HIGH-SPEED SCANNER
BLOCK
FIBER OPTIC Mode (glass fiber optics)
Models
Excess Gain
OBJECT
RETRO TARGET
OBJECT
OBJECT



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com