Electronic Components Datasheet Search
  English  ▼

X  

BA6423AF Datasheet(PDF) 10 Page - Rohm

Part # BA6423AF
Description  Standard Single-phase Full wave Fan Motor Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6423AF Datasheet(HTML) 10 Page - Rohm

Back Button BA6423AF Datasheet HTML 5Page - Rohm BA6423AF Datasheet HTML 6Page - Rohm BA6423AF Datasheet HTML 7Page - Rohm BA6423AF Datasheet HTML 8Page - Rohm BA6423AF Datasheet HTML 9Page - Rohm BA6423AF Datasheet HTML 10Page - Rohm BA6423AF Datasheet HTML 11Page - Rohm BA6423AF Datasheet HTML 12Page - Rohm BA6423AF Datasheet HTML 13Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Datasheet
10/10
BA6423AF
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
19.Jul.2012 Rev.001
TSZ02201-0H1H0B100230-1-2
●
●
●
●Physical Dimension
●Marking Diagram
∗Order quantity needs to be multiple of the minimum quantity.
<Tape and Reel information>
Embossed carrier tape
Tape
Quantity
Direction
of feed
The direction is the 1pin of product is at the upper left when you hold
reel on the left hand and you pull out the tape on the right hand
2500pcs
E2
(
)
Direction of feed
Reel
1pin
(Unit : mm)
SOP8
4
°
+6°
−4°
0.17
+0.1
-0.05
0.595
6
4
3
8
2
5
1
7
5.0
±0.2
(MAX 5.35 include BURR)
1.27
0.42
±0.1
S
0.1
S
SOP8
(TOP VIEW)
6423A
6423A
6423A
6423A
1PIN MARK
Lot No.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com