Electronic Components Datasheet Search
  English  ▼

X  

BA6423AF Datasheet(PDF) 7 Page - Rohm

Part # BA6423AF
Description  Standard Single-phase Full wave Fan Motor Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6423AF Datasheet(HTML) 7 Page - Rohm

Back Button BA6423AF Datasheet HTML 3Page - Rohm BA6423AF Datasheet HTML 4Page - Rohm BA6423AF Datasheet HTML 5Page - Rohm BA6423AF Datasheet HTML 6Page - Rohm BA6423AF Datasheet HTML 7Page - Rohm BA6423AF Datasheet HTML 8Page - Rohm BA6423AF Datasheet HTML 9Page - Rohm BA6423AF Datasheet HTML 10Page - Rohm BA6423AF Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Datasheet
7/10
BA6423AF
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
19.Jul.2012 Rev.001
TSZ02201-0H1H0B100230-1-2
3) Problem of GND line PWM switching
Do not perform PWM switching of GND line because GND terminal potential cannot be kept to a minimum.
Fig.13 GND Line PWM switching prohibited
4) AL output
AL output is an open collector and requires pull-up resistor.
The IC can be protected by adding resistor R1. An excess of absolute maximum rating, when AL output terminal is
directly connected to power supply, could damage the IC.
Fig.14 Protection of AL terminal
●
●
●
●Calculation of power consumed by IC
Power consumed by this IC Pc is approximately calculated as follows:
Pc=Pc1+Pc2+Pc3
・Pc1:Power consumption by circuit current
Pc1=Vcc×Icc
・Pc2:Power consumption at output stage
Pc2=VOL×Io+VOH×Io
VOL is L voltage of output terminal 1 and 2.
VOH is H voltage of output terminal 1 and 2.
Io is the current flowing to output terminal 1 and 2.
・Pc3:Power consumption at AL
Pc3=VAL×IAL
VAL is L voltage of AL output.
IAL is the current of AL.
Power consumption by IC greatly changes with use condition of IC such as power supply voltage and output current.
Consider thermal design so that the maximum power dissipation on IC package is not exceeded.
Protection
resistor R1
Connector
of board
AL
Pull-up
resistor
Vcc
Fig.15 Calculation of power consumed by IC
Io
IAL
Vcc
Icc
AL
OUT1
OUT2
PWM input
Prohibited
Vcc
Motor
Driver
GND
Controller
M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com