Electronic Components Datasheet Search
  English  ▼

X  

BA6423AF Datasheet(PDF) 8 Page - Rohm

Part # BA6423AF
Description  Standard Single-phase Full wave Fan Motor Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6423AF Datasheet(HTML) 8 Page - Rohm

Back Button BA6423AF Datasheet HTML 4Page - Rohm BA6423AF Datasheet HTML 5Page - Rohm BA6423AF Datasheet HTML 6Page - Rohm BA6423AF Datasheet HTML 7Page - Rohm BA6423AF Datasheet HTML 8Page - Rohm BA6423AF Datasheet HTML 9Page - Rohm BA6423AF Datasheet HTML 10Page - Rohm BA6423AF Datasheet HTML 11Page - Rohm BA6423AF Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Datasheet
8/10
BA6423AF
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
19.Jul.2012 Rev.001
TSZ02201-0H1H0B100230-1-2
●
●
●
●Thermal derating curve
Power dissipation (total loss) indicates the power that can be consumed by IC at Ta = 25ºC (normal temperature). IC is
heated when it consumes power, and the temperature of IC chip becomes higher than ambient temperature. The
temperature that can be accepted by IC chip depends on circuit configuration, manufacturing process, etc, and consumable
power is limited. Power dissipation is determined by the temperature allowed in IC chip (maximum junction temperature)
and thermal resistance of package (heat dissipation capability). The maximum junction temperature is in general equal to
the maximum value in the storage temperature range.
Heat generated by consumed power of IC is radiated from the mold resin or lead frame of package. The parameter which
indicates this heat dissipation capability (hardness of heat release) is called heat resistance, represented by the symbol θ
ja [℃/W]. The temperature of IC inside the package can be estimated by this heat resistance. Fig.16 shows the model of
heat resistance of the package.
Heat resistance θja, ambient temperature Ta, junction temperature Tj, and power consumption P can be calculated by the
equation below:
θja = (Tj - Ta) / P
[℃/W]
Thermal derating curve indicates power that can be consumed by IC with reference to ambient temperature. Power that can
be consumed by IC begins to attenuate at certain ambient temperature. This gradient is determined by thermal resistance
θja.
Thermal resistance θja depends on chip size, power consumption, package ambient temperature, packaging condition,
wind velocity, etc., even when the same package is used. Thermal derating curve indicates a reference value measured at
a specified condition. Fig.17 shows a thermal derating curve (Value when mounting FR4 glass epoxy board 70 [mm] x 70
[mm] x 1.6 [mm] (copper foil area below 3 [%]))
*Reduce by 6.24 mW/℃ over 25℃.
(On 70.0mm×70.0mm×1.6mm glass epoxy board)
Fig.17 Thermal derating curve
θja = (Tj - Ta) / P
[℃/W]
Fig.16 Thermal resistance
Ambient temperature Ta[℃]
Chip surface temperature Tj[℃]
Power consumption P[W]
400
600
800
1000
Pd(mW
)
0
25
50
75
100
125
150
Ta(℃)
200
780



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com