Electronic Components Datasheet Search
  English  ▼

X  

BA6423AF Datasheet(PDF) 3 Page - Rohm

Part # BA6423AF
Description  Standard Single-phase Full wave Fan Motor Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6423AF Datasheet(HTML) 3 Page - Rohm

  BA6423AF Datasheet HTML 1Page - Rohm BA6423AF Datasheet HTML 2Page - Rohm BA6423AF Datasheet HTML 3Page - Rohm BA6423AF Datasheet HTML 4Page - Rohm BA6423AF Datasheet HTML 5Page - Rohm BA6423AF Datasheet HTML 6Page - Rohm BA6423AF Datasheet HTML 7Page - Rohm BA6423AF Datasheet HTML 8Page - Rohm BA6423AF Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Datasheet
3/10
BA6423AF
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
19.Jul.2012 Rev.001
TSZ02201-0H1H0B100230-1-2
●
●
●
●Block diagram, application circuit, and pin assignment (Constant etc are for reference)
PIN No.
Terminal name
Function
1
OUT2
Motor output terminal2
2
Vcc
Power supply terminal
3
AL
Lock alarm signal output terminal
4
LD
Lock detecting and auto restart capacitor connecting terminal
5
H+
Hall input terminal+
6
H-
Hall input terminal-
7
OUT1
Motor output terminal1
8
GND
GND terminal
●
●
●
●Truth table
H+
H-
OUT1
OUT2
AL
normal operation
:L(output is ON)
lock detection
:H(output is OFF)
H
L
H
L
L
H
L
H
Take a measure against Vcc
voltage
rise
generated
by
reverse c onnection of c urrent
and
c ounter
electromotive
force.
Set acc ording to the amplitude
of hall element output and hall
input voltage range.
This
is
an
open
c ollector
output .
Connec t
a
pull-up
res istor.
Capacitor
for
setting
lock
detect ing and auto restart time.
LOGIC
T SD
AMP
R EG
LOCK
DET ECT ION
AND
AUTO
RESTART
AMP
HALL
AMP
H+
HA LL
M
H-
6
5
V cc
2
LD
4
OUT 2
1
OUT1
7
AL
3
8
GND
REG
+
-
+
-
+
-
0.47μF
to 4.7μF
2kΩ
to 10kΩ
P. 4
P. 6
P. 4
P.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com