Electronic Components Datasheet Search
  English  ▼

X  

WM1811A Datasheet(PDF) 218 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 218 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 214Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 215Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 216Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 217Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 218Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 219Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 220Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 221Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 222Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 328 page
background image
WM1811A
Production Data
w
PD, November 2013, Rev 4.1
218
REGISTER MAP
The WM1811A control registers are listed below. Note that only the register addresses described here should be accessed; writing to
other addresses may result in undefined behaviour. Register bits that are not documented should not be changed from the default
values.
REG
NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEFAULT
R0 (0h)
Software Reset
SW_RESET [15:0]
0000h
R1 (1h)
Power
Management (1)
0
0
SPKO
UTR_
ENA
SPKO
UTL_E
NA
HPOU
T2_EN
A
0
HPOU
T1L_E
NA
HPOU
T1R_E
NA
0
0
MICB2
_ENA
MICB1
_ENA
0
VMID_SEL
[1:0]
BIAS_
ENA
0000h
R2 (2h)
Power
Management (2)
0
TSHU
T_ENA
TSHU
T_OP
DIS
0
OPCL
K_EN
A
0
MIXIN
L_ENA
MIXIN
R_EN
A
IN2L_
ENA
IN1L_
ENA
IN2R_
ENA
IN1R_
ENA
0
0
0
0
6000h
R3 (3h)
Power
Management (3)
0
0
LINEO
UT1N_
ENA
LINEO
UT1P_
ENA
LINEO
UT2N_
ENA
LINEO
UT2P_
ENA
SPKR
VOL_E
NA
SPKLV
OL_E
NA
MIXO
UTLV
OL_E
NA
MIXO
UTRV
OL_E
NA
MIXO
UTL_E
NA
MIXO
UTR_
ENA
0
0
0
0
0000h
R4 (4h)
Power
Management (4)
0
0
AIF2A
DCL_E
NA
AIF2A
DCR_
ENA
0
0
AIF1A
DC1L_
ENA
AIF1A
DC1R_
ENA
0
0
0
0
DMIC1
L_ENA
DMIC1
R_EN
A
ADCL_
ENA
ADCR
_ENA
0000h
R5 (5h)
Power
Management (5)
0
0
AIF2D
ACL_E
NA
AIF2D
ACR_
ENA
0
0
AIF1D
AC1L_
ENA
AIF1D
AC1R_
ENA
0
0
0
0
0
0
DAC1L
_ENA
DAC1
R_EN
A
0000h
R6 (6h)
Power
Management (6)
0
0
0
0
0
AIF3ADC_SRC
[1:0]
AIF2DAC_SRC
[1:0]
0
AIF3_
TRI
AIF3_ADCDAT
_SRC [1:0]
AIF2_
ADCD
AT_SR
C
AIF2_
DACD
AT_SR
C
AIF1_
DACD
AT_SR
C
0000h
R21 (15h)
Input Mixer (1)
0
0
0
0
0
0
0
IN1RP
_MIXI
NR_B
OOST
IN1LP
_MIXI
NL_B
OOST
INPUT
S_CLA
MP
0
0
0
0
0
0
0000h
R24 (18h)
Left Line Input 1&2
Volume
0
0
0
0
0
0
0
IN1_V
U
IN1L_
MUTE
IN1L_
ZC
0
IN1L_VOL [4:0]
008Bh
R25 (19h)
Left Line Input 3&4
Volume
0
0
0
0
0
0
0
IN2_V
U
IN2L_
MUTE
IN2L_
ZC
0
IN2L_VOL [4:0]
008Bh
R26 (1Ah)
Right Line Input
1&2 Volume
0
0
0
0
0
0
0
IN1_V
U
IN1R_
MUTE
IN1R_
ZC
0
IN1R_VOL [4:0]
008Bh
R27 (1Bh)
Right Line Input
3&4 Volume
0
0
0
0
0
0
0
IN2_V
U
IN2R_
MUTE
IN2R_
ZC
0
IN2R_VOL [4:0]
008Bh
R28 (1Ch)
Left Output Volume
0
0
0
0
0
0
0
HPOU
T1_VU
HPOU
T1L_Z
C
HPOU
T1L_M
UTE_
N
HPOUT1L_VOL [5:0]
006Dh
R29 (1Dh)
Right Output
Volume
0
0
0
0
0
0
0
HPOU
T1_VU
HPOU
T1R_Z
C
HPOU
T1R_
MUTE
_N
HPOUT1R_VOL [5:0]
006Dh
R30 (1Eh)
Line Outputs
Volume
0
0
0
0
0
0
0
0
0
LINEO
UT1N_
MUTE
LINEO
UT1P_
MUTE
LINEO
UT1_V
OL
0
LINEO
UT2N_
MUTE
LINEO
UT2P_
MUTE
LINEO
UT2_V
OL
0066h
R31 (1Fh)
HPOUT2 Volume
0
0
0
0
0
0
0
0
0
0
HPOU
T2_M
UTE
HPOU
T2_VO
L
0
0
0
0
0020h
R32 (20h)
Left OPGA Volume
0
0
0
0
0
0
0
MIXO
UT_V
U
MIXO
UTL_Z
C
MIXO
UTL_
MUTE
_N
MIXOUTL_VOL [5:0]
0079h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com