Electronic Components Datasheet Search
  English  ▼

X  

WM1811A Datasheet(PDF) 215 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 215 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 211Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 212Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 213Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 214Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 215Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 216Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 217Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 218Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 219Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 328 page
background image
Production Data
WM1811A
w
PD, November 2013, Rev 4.1
215
POWER ON RESET
The WM1811A includes a Power-On Reset (POR) circuit, which isused to reset the digital logic into a
default state after power up. The POR circuit derives its output from AVDD2 and DCVDD. The internal
POR
¯¯¯ signal is asserted low when AVDD2 and DCVDD are below minimum thresholds.
The specific behaviour of the circuit will vary, depending on relative timing of the supply voltages.
Typical scenarios are illustrated in Figure 80 and Figure 81.
Figure 80 Power On Reset Timing – AVDD2 enabled/disabled first
Figure 81 Power On Reset Timing - DCVDD enabled/disabled first
The POR
¯¯¯ signal is undefined until AVDD2 has exceeded the minimum threshold, Vpora. Once this
threshold has been exceeded, POR
¯¯¯ is asserted low and the chip is held in reset. In this condition, all
writes to the control interface are ignored. Once AVDD2 and DCVDD have reached their respective
power on thresholds, POR
¯¯¯ is released high, all registers are in their default state, and writes to the
control interface may take place.
Note that a power-on reset period, TPOR, applies afterAVDD2 and DCVDD have reached their
respective power on thresholds. This specification is guaranteed by design rather than test.
On power down, POR
¯¯¯ is asserted low when either AVDD2 or DCVDD falls below their respective
power-down thresholds.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com