Electronic Components Datasheet Search
  English  ▼

X  

WM1811A Datasheet(PDF) 213 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 213 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 209Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 210Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 211Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 212Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 213Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 214Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 215Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 216Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 217Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 328 page
background image
Production Data
WM1811A
w
PD, November 2013, Rev 4.1
213
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
1 = Enabled
R76 (004Ch)
Charge Pump
(1)
15
CP_ENA
0
Enable charge-pump digits
0 = Disable
1 = Enable
R84 (0054h)
DC Servo (1)
1
DCS_ENA_CHAN
_1
0
DC Servo enable for HPOUT1R
0 = Disabled
1 = Enabled
0
DCS_ENA_CHAN
_0
0
DC Servo enable for HPOUT1L
0 = Disabled
1 = Enabled
R512 (0200h)
AIF 1 Clocking
(1)
0
AIF1CLK_ENA
0
AIF1CLK Enable
0 = Disabled
1 = Enabled
R516 (0204h)
AIF 2 Clocking
(1)
0
AIF2CLK_ENA
0
AIF2CLK Enable
0 = Disabled
1 = Enabled
R520 (0208h)
Clocking (1)
4
TOCLK_ENA
0
Slow Clock (TOCLK) Enable
0 = Disabled
1 = Enabled
This clock is required for zero-cross
timeout.
3
AIF1DSPCLK_EN
A
0
AIF1 Processing Clock Enable
0 = Disabled
1 = Enabled
2
AIF2DSPCLK_EN
A
0
AIF2 Processing Clock Enable
0 = Disabled
1 = Enabled
1
SYSDSPCLK_EN
A
0
Digital Mixing Processor Clock Enable
0 = Disabled
1 = Enabled
R544 (0220h)
FLL1 Control
(1)
0
FLL1_ENA
0
FLL1 Enable
0 = Disabled
1 = Enabled
This should be set as the final step of
the FLL1 enable sequence, ie. after the
other FLL registers have been
configured.
R576 (0240h)
FLL2 Control
(1)
0
FLL2_ENA
0
FLL2 Enable
0 = Disabled
1 = Enabled
This should be set as the final step of
the FLL2 enable sequence, ie. after the
other FLL registers have been
configured.
Table 130 Power Management



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com