Electronic Components Datasheet Search
  English  ▼

X  

WM1811A Datasheet(PDF) 209 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 209 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 205Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 206Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 207Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 208Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 209Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 210Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 211Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 212Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 213Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 328 page
background image
Production Data
WM1811A
w
PD, November 2013, Rev 4.1
209
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R57 (0039h)
AntiPOP (2)
6:5
VMID_RAMP [1:0]
10
VMID soft start enable / slew rate
control
00 = Normal slow start
01 = Normal fast start
10 = Soft slow start
11 = Soft fast start
If VMID_RAMP = 1X is selected for
VMID start-up or shut-down, then the
soft-start circuit must be reset by
setting VMID_RAMP=00 after VMID is
disabled, before VMID is re-enabled.
VMID is disabled / enabled using the
VMID_SEL register.
2
STARTUP_BIAS_
ENA
0
Enables the Start-Up bias current
generator
0 = Disabled
1 = Enabled
1
BIAS_SRC
1
Selects the bias current source
0 = Normal bias
1 = Start-Up bias
Table 129 Soft Start Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com