Electronic Components Datasheet Search
  English  ▼

X  

WM1811A Datasheet(PDF) 212 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 212 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 208Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 209Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 210Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 211Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 212Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 213Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 214Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 215Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 216Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 328 page
background image
WM1811A
Production Data
w
PD, November 2013, Rev 4.1
212
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
5
MIXOUTL_ENA
0
MIXOUTL Left Output Mixer Enable
0 = Disabled
1 = Enabled
4
MIXOUTR_ENA
0
MIXOUTR Right Output Mixer Enable
0 = Disabled
1 = Enabled
R4 (0004h)
Power
Management
(4)
13
AIF2ADCL_ENA
0
Enable AIF2ADC (Left) output path
0 = Disabled
1 = Enabled
This bit must be set for AIF2 or AIF3
output of the AIF2ADC (Left) signal.
12
AIF2ADCR_ENA
0
Enable AIF2ADC (Right) output path
0 = Disabled
1 = Enabled
This bit must be set for AIF2 or AIF3
output of the AIF2ADC (Left) signal.
9
AIF1ADC1L_ENA
0
Enable AIF1ADC (Left) output path
0 = Disabled
1 = Enabled
8
AIF1ADC1L_ENA
0
Enable AIF1ADC (Right) output path
0 = Disabled
1 = Enabled
3
DMIC1L_ENA
0
Digital microphone (DMICDAT) Left
channel enable
0 = Disabled
1 = Enabled
2
DMIC1R_ENA
0
Digital microphone (DMICDAT) Right
channel enable
0 = Disabled
1 = Enabled
1
ADCL_ENA
0
Left ADC Enable
0 = Disabled
1 = Enabled
0
ADCR_ENA
0
Right ADC Enable
0 = Disabled
1 = Enabled
R5 (0005h)
Power
Management
(5)
13
AIF2DACL_ENA
0
Enable AIF2DAC (Left) input path
0 = Disabled
1 = Enabled
12
AIF2DACR_ENA
0
Enable AIF2DAC (Right) input path
0 = Disabled
1 = Enabled
9
AIF1DAC1L_ENA
0
Enable AIF1DAC (Left) input path
0 = Disabled
1 = Enabled
8
AIF1DAC1R_ENA
0
Enable AIF1DAC (Right) input path
0 = Disabled
1 = Enabled
1
DAC1L_ENA
0
Left DAC Enable
0 = Disabled
1 = Enabled
0
DAC1R_ENA
0
Right DAC Enable
0 = Disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com