Electronic Components Datasheet Search
  English  ▼

X  

WM1811A Datasheet(PDF) 211 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 211 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 207Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 208Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 209Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 210Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 211Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 212Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 213Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 214Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 215Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 328 page
background image
Production Data
WM1811A
w
PD, November 2013, Rev 4.1
211
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
1 = Enabled
8
MIXINR_ENA
0
Right Input Mixer Enable
(Enables MIXINR and RXVOICE input to
MIXINR)
0 = Disabled
1 = Enabled
7
IN2L_ENA
0
IN2L Input PGA Enable
0 = Disabled
1 = Enabled
6
IN1L_ENA
0
IN1L Input PGA Enable
0 = Disabled
1 = Enabled
5
IN2R_ENA
0
IN2R Input PGA Enable
0 = Disabled
1 = Enabled
4
IN1R_ENA
0
IN1R Input PGA Enable
0 = Disabled
1 = Enabled
R3 (0003h)
Power
Management
(3)
13
LINEOUT1N_ENA
0
LINEOUT1N Line Out and
LINEOUT1NMIX Enable
0 = Disabled
1 = Enabled
12
LINEOUT1P_ENA
0
LINEOUT1P Line Out and
LINEOUT1PMIX Enable
0 = Disabled
1 = Enabled
11
LINEOUT2N_ENA
0
LINEOUT2N Line Out and
LINEOUT2NMIX Enable
0 = Disabled
1 = Enabled
10
LINEOUT2P_ENA
0
LINEOUT2P Line Out and
LINEOUT2PMIX Enable
0 = Disabled
1 = Enabled
9
SPKRVOL_ENA
0
SPKMIXR Mixer and SPKRVOL PGA
Enable
0 = Disabled
1 = Enabled
Note that SPKMIXR and SPKRVOL are
also enabled when SPKOUTR_ENA is
set.
8
SPKLVOL_ENA
0
SPKMIXL Mixer and SPKLVOL PGA
Enable
0 = Disabled
1 = Enabled
Note that SPKMIXL and SPKLVOL are
also enabled when SPKOUTL_ENA is
set.
7
MIXOUTLVOL_E
NA
0
MIXOUTL Left Volume Control Enable
0 = Disabled
1 = Enabled
6
MIXOUTRVOL_E
NA
0
MIXOUTR Right Volume Control Enable
0 = Disabled
1 = Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com