Electronic Components Datasheet Search
  English  ▼

X  

WM1811A Datasheet(PDF) 214 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 214 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 210Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 211Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 212Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 213Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 214Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 215Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 216Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 217Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 218Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 328 page
background image
WM1811A
Production Data
w
PD, November 2013, Rev 4.1
214
THERMAL SHUTDOWN
The WM1811A incorporates a temperature sensor which detects when the device temperature is
within normal limits or if the device is approaching a hazardous temperature condition. The
temperature sensor can be configured to automatically disable the audio outputs of the WM1811A in
response to an overtemperature condition (approximately 150ºC).
The temperature status can be output directly on a GPIO pin, as described in the “General Purpose
Input/Output” section. The temperature sensor can also be used to generate Interrupt events, as
described in the “Interrupts” section. The GPIO and Interrupt functions can be used to indicate either a
Warning Temperature event or the Shutdown Temperature event.
The temperature sensor is enabled by setting the TSHUT_ENA register bit. When the TSHUT_OPDIS
is also set, then a device over-temperature condition will cause the speaker outputs (SPKOUTL and
SPKOUTR) of the WM1811A to be disabled; this response is likely to prevent any damage to the
device attributable to the large currents of the output drivers.
Note that, to prevent pops and clicks, TSHUT_ENA and TSHUT_OPDIS should only be updated
whilst the speaker and headphone outputs are disabled.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R2 (0002h)
Power
Management
(2)
14
TSHUT_ENA
1
Thermal sensor enable
0 = Disabled
1 = Enabled
13
TSHUT_OPDIS
1
Thermal shutdown control
(Causes audio outputs to be disabled
if an overtemperature occurs. The
thermal sensor must also be enabled.)
0 = Disabled
1 = Enabled
Table 131 Thermal Shutdown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com