Electronic Components Datasheet Search
  English  ▼

X  

WM1811A Datasheet(PDF) 216 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 216 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 212Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 213Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 214Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 215Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 216Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 217Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 218Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 219Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 220Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 328 page
background image
WM1811A
Production Data
w
PD, November 2013, Rev 4.1
216
Typical Power-On Reset parameters for the WM1811A are defined in Table 132.
SYMBOL
DESCRIPTION
TYP
UNIT
Vpora_on
Power-On threshold (AVDD2)
1.15
V
Vpora_off
Power-Off threshold (AVDD2)
1.14
V
Vpord_on
Power-On threshold (DCVDD)
0.56
V
Vpord_off
Power-Off threshold (DCVDD)
0.55
V
TPOR
Minimum Power-On Reset period
100
ns
Table 132 Typical Power-On Reset Parameters
Table 133 describes the status of the WM1811A digital I/O pins when the Power On Reset has
completed, prior to any register writes. The same conditions apply on completion of a Software Reset
(described in the “Software Reset and Device ID” section).
PIN NO
NAME
TYPE
RESET STATUS
DBVDD1 power domain
D5
SPKMODE
Digital Input
Pull-up to DBVDD1
A4
LDO1ENA
Digital Input
Pull-down to DGND
F3
ADDR
Digital Input
Pull-down to DGND
D6
LDO2ENA
Digital Input
Pull-down to DGND
H2
SCLK
Digital Input
Digital input
H3
SDA
Digital Input/Output
Digital input
F1
MCLK1
Digital Input
Digital input
F2
MCLK2
Digital Input
Pull-down to DGND
G3
BCLK1
Digital Input/Output
Digital input
G1
LRCLK1
Digital Input/Output
Digital input
J1
ADCLRCLK1/GPIO1
Digital Input/Output
Digital input
H1
DACDAT1
Digital Input
Digital input
F4
ADCDAT1
Digital Output
Digital output
DBVDD2 power domain
K1
BCLK2
Digital Input/Output
Digital input,
Pull-down to DGND
J3
LRCLK2
Digital Input/Output
Digital input,
Pull-down to DGND
G4
DACDAT2
Digital Input
Pull-down to DGND
H4
ADCDAT2
Digital Output
Digital output
DBVDD3 power domain
K4
GPIO11/BCLK3
Digital Input/Output
Digital input,
Pull-down to DGND
G5
GPIO10/LRCLK3
Digital Input/Output
Digital input,
Pull-down to DGND
K3
GPIO8/DACDAT3
Digital Input/Output
Digital input,
Pull-down to DGND
J4
GPIO9/ADCDAT3
Digital Input/Output
Digital input,
Pull-down to DGND
MICBIAS1 power domain
A8
DMICCLK
Digital Output
Digital output
C8
IN2LN/DMICDAT
Analogue Input/Digital Input
Analogue input
Table 133 WM1811A Digital I/O Status in Reset
Note that the dual function IN2LN/DMICDAT pin defaults to IN2LN (analogue input) after Power On
Reset is completed. The IN2LN function is referenced to the AVDD1 power domain.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com