Electronic Components Datasheet Search
  English  ▼

X  

WM1811A Datasheet(PDF) 250 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 250 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 246Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 247Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 248Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 249Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 250Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 251Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 252Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 253Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 254Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 250 / 328 page
background image
WM1811A
Production Data
w
PD, November 2013, Rev 4.1
250
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0
LDO1_DISCH
1
LDO1 Discharge Select
0 = LDO1 floating when disabled
1 = LDO1 discharged when disabled
Register 3Bh LDO 1
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R60 (3Ch)
LDO 2
2:1
LDO2_VSEL [1:0]
01
LDO2 Output Voltage Select
1.05V to 1.25V in 100mV steps
00 = Reserved
01 = 1.05V
10 = 1.15V
11 = 1.25V
0
LDO2_DISCH
1
LDO2 Discharge Select
0 = LDO2 floating when disabled
1 = LDO2 discharged when disabled
Register 3Ch LDO 2
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R61 (3Dh)
MICBIAS1
5
MICB1_RATE
1
Microphone Bias 1 Rate
0 = Fast start-up / shut-down
1 = Pop-free start-up / shut-down
4
MICB1_MODE
1
Microphone Bias 1 Mode
0 = Regulator mode
1 = Bypass mode
3:1
MICB1_LVL [2:0]
100
Microphone Bias 1 Voltage Control
(when MICB1_MODE = 0)
000 = 1.5V
001 = 1.8V
010 = 1.9V
011 = 2.0V
100 = 2.2V
101 = 2.4V
110 = 2.5V
111 = 2.6V
0
MICB1_DISCH
1
Microphone Bias 1 Discharge
0 = MICBIAS1 floating when disabled
1 = MICBIAS1 discharged when disabled
Register 3Dh MICBIAS1
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R62 (3Eh)
MICBIAS2
5
MICB2_RATE
1
Microphone Bias 2 Rate
0 = Fast start-up / shut-down
1 = Pop-free start-up / shut-down
4
MICB2_MODE
1
Microphone Bias 2 Mode
0 = Regulator mode
1 = Bypass mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com