Electronic Components Datasheet Search
  English  ▼

X  

WM1811A Datasheet(PDF) 252 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 252 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 248Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 249Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 250Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 251Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 252Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 253Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 254Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 255Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 256Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 328 page
background image
WM1811A
Production Data
w
PD, November 2013, Rev 4.1
252
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R84 (54h) DC
Servo (1)
5
DCS_TRIG_STA
RTUP_1
0
Writing 1 to this bit selects Start-Up DC Servo mode for HPOUT1R.
In readback, a value of 1 indicates that the DC Servo Start-Up correction is in
progress.
4
DCS_TRIG_STA
RTUP_0
0
Writing 1 to this bit selects Start-Up DC Servo mode for HPOUT1L.
In readback, a value of 1 indicates that the DC Servo Start-Up correction is in
progress.
3
DCS_TRIG_DAC
_WR_1
0
Writing 1 to this bit selects DAC Write DC Servo mode for HPOUT1R.
In readback, a value of 1 indicates that the DC Servo DAC Write correction is
in progress.
2
DCS_TRIG_DAC
_WR_0
0
Writing 1 to this bit selects DAC Write DC Servo mode for HPOUT1L.
In readback, a value of 1 indicates that the DC Servo DAC Write correction is
in progress.
1
DCS_ENA_CHAN
_1
0
DC Servo enable for HPOUT1R
0 = Disabled
1 = Enabled
0
DCS_ENA_CHAN
_0
0
DC Servo enable for HPOUT1L
0 = Disabled
1 = Enabled
Register 54h DC Servo (1)
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R85 (55h) DC
Servo (2)
3:0
DCS_TIMER_PE
RIOD_01 [3:0]
1010
This register must be set to 0000 for correct operation of the DC Servo.
0000 = DC Servo enabled
All other values are Reserved
Register 55h DC Servo (2)
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R88 (58h) DC
Servo
Readback
9:8
DCS_CAL_COMP
LETE [1:0]
00
DC Servo Complete status
0 = DAC Write or Start-Up DC Servo mode not completed.
1 = DAC Write or Start-Up DC Servo mode complete.
Bit [1] = HPOUT1R
Bit [0] = HPOUT1L
5:4
DCS_DAC_WR_
COMPLETE [1:0]
00
DC Servo DAC Write status
0 = DAC Write DC Servo mode not completed.
1 = DAC Write DC Servo mode complete.
Bit [1] = HPOUT1R
Bit [0] = HPOUT1L
1:0
DCS_STARTUP_
COMPLETE [1:0]
00
DC Servo Start-Up status
0 = Start-Up DC Servo mode not completed.
1 = Start-Up DC Servo mode complete.
Bit [1] = HPOUT1R
Bit [0] = HPOUT1L
Register 58h DC Servo Readback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com