Electronic Components Datasheet Search
  English  ▼

X  

WS3440 Datasheet(PDF) 4 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # WS3440
Description  Constant Current Controller For Non-isolated Buck LED Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WS3440 Datasheet(HTML) 4 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  WS3440 Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3440 Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3440 Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3440 Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3440 Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3440 Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3440 Datasheet HTML 7Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3440 Datasheet HTML 8Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.winsemi.com
Tel : +86-755-8250 6288
Fax : +86-755-8250 6299
4/8
WS3440 Product Description
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
Electrical
Electrical
Electrical
Electrical Characteristics
Characteristics
Characteristics
Characteristics (Unless otherwise specified,TA=25℃,VCC=7V)
Symbol
Symbol
Symbol
Symbol
Parameter
Parameter
Parameter
Parameter
Conditions
Conditions
Conditions
Conditions
Min
Min
Min
Min
Typ
Typ
Typ
Typ
Max
Max
Max
Max
Units
Units
Units
Units
Supply Voltage Section
Vcc_clamp
VCC Clamping Voltage
7.0
7.3
7.6
V
Icc_clamp
VCC Clamping Current
2.5
mA
VCC_ST
VCC Start Up Voltage
VCC Rise
6.6
6.9
7.2
V
Vuvlo_HYS
VCC Under Voltage
Latch Out Hysteresis
VCC Falling
1.5
V
Ist
Start Up Current
VCC<VCC_ST-0.5V
45
60
uA
Iop
Operation Current
200
uA
Current Sensor Section
Vcs_th
Current Sensor Voltage
Threshold
390
400
410
mV
TLEB
Leading Edge Blanking
350
ns
TDELAY
Turn Off Delay Time
300
ns
Internal Driver Section
TOFF_MIN
Minimum Demagnetization Time
4
us
TOFF_MAX
Maximum Demagnetization Time
240
us
TON_MAX
Maximum Turn On Time
40
us
ROVP Section
VROVP
Internal reference voltage
0.5
V
Over Temperature Section
TSD
Thermal Shut Down Temperature
160
℃
TSD_HYS
Thermal Shut Down Hysteresis
20
℃
T_comp
Intelligent temperature compensation
function
140
℃
Drive ability Section
Imax
Built-in power tube maximum peak current
1.3
A
Note: Imax depends on the ambient temperature and cooling conditions chips work at high temperatures Imax will be reduced.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com