Electronic Components Datasheet Search
  English  ▼

X  

WS3440 Datasheet(PDF) 3 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # WS3440
Description  Constant Current Controller For Non-isolated Buck LED Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WS3440 Datasheet(HTML) 3 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  WS3440 Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3440 Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3440 Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3440 Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3440 Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3440 Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3440 Datasheet HTML 7Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3440 Datasheet HTML 8Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.winsemi.com
Tel : +86-755-8250 6288
Fax : +86-755-8250 6299
3/8
WS3440 Product Description
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
Ordering
Ordering
Ordering
Ordering Information
Information
Information
Information
Package
Package
Package
Package
Part
Part
Part
Part Number
Number
Number
Number
Marking
Marking
Marking
Marking
6-Pin SOT23-6,
Pb-free
40 YMF
WS3440YP
Recommended
Recommended
Recommended
Recommended Operating
Operating
Operating
Operating Condition
Condition
Condition
Condition
symbol
symbol
symbol
symbol
parameter
parameter
parameter
parameter
value
value
value
value
units
units
units
units
ILED
Output LED Current
< 300
mA
Absolute
Absolute
Absolute
Absolute Maximum
Maximum
Maximum
Maximum Ratings
Ratings
Ratings
Ratings
symbol
symbol
symbol
symbol
parameter
parameter
parameter
parameter
Range
Range
Range
Range
Units
Units
Units
Units
ICC_MAX
VCC pin maximum sink current
2.5
mA
VROVP
ROVP input voltage
-0.3~7
V
VS
HV MOSFET source voltage
-0.3~8
V
VCS
Current sense pin input voltage
-0.3~7
V
PDMAX
Power dissipation
0.9
W
TJ
Operating junction temperature
150
℃
TSTG
Storage temperature range
-55~150
℃
Note: Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. Under
“recommended operating conditions” the device operation is assured, but some particular parameter may not be achieved.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com