Electronic Components Datasheet Search
  English  ▼

X  

WS3440 Datasheet(PDF) 1 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # WS3440
Description  Constant Current Controller For Non-isolated Buck LED Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WS3440 Datasheet(HTML) 1 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  WS3440 Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3440 Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3440 Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3440 Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3440 Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3440 Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3440 Datasheet HTML 7Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3440 Datasheet HTML 8Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Copyright@Winsemi Microelectronics Co., Ltd., All right reserved.
W/T-Y027-Rev.A/1 May.2014
WS3440 Product Description
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
0813
Features
Features
Features
Features
�
Inductor
Current
Critical
Mode,
No
Need
to
Compensate the Inductance Variation
�
Source Driver Structure, Not Need the Auxiliary
Winding for VCC
�
±3% LED Current Accuracy
�
Up to 93% System Efficiency
�
LED Short Circuit Protection
�
Current Sense Resistor Short Circuit Protection
�
Over Temperature Protection
�
Programmable LED open protection
Applications
Applications
Applications
Applications
�
LED Bulb
�
LED Candle light
�
LED Spot light
�
Decorative LED lighting
General
General
General
General Description
Description
Description
Description
The WS3440 is a high precision constant current controller,
designed for non-isolated buck LED driver. suitable for AC
input voltage range (84V-264V)
The WS3440 uses high precision current sense circuit and
patent method for constant current control, to achieve high
precision output current and excellent line regulation. The
WS3440 operates in inductor current critical mode. The LED
current is constant over wide range of inductance variation
and the LED output voltage, so the load regulation is
excellent.
The WS3440 uses patent source driver architecture. The
operation current is 200uA only, so the auxiliary winding is not
needed. It can simplify the system design and reduce the
system cost.
The WS3440 offers rich protection functions, including LED
open/short circuit protection, current sense resistor short
circuit protection and over temperature protection.
Typical
Typical
Typical
Typical Application
Application
Application
Application Circuit
Circuit
Circuit
Circuit
Constant
Constant
Constant
Constant Current
Current
Current
Current Controller
Controller
Controller
Controller For
For
For
For Non-isolated
Non-isolated
Non-isolated
Non-isolated Buck
Buck
Buck
Buck LED
LED
LED
LED Driver
Driver
Driver
Driver
A C
1
2
3
6
5
4
R O V P G N D
C S
V C C
G A T E
S


Similar Part No. - WS3440

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WS3441 ETC2-WS3441 Datasheet
610Kb / 10P
Non-isolated Buck Offline LED Driver
logo
Shenzhen Winsemi Microe...
WS3441 WINSEMI-WS3441 Datasheet
610Kb / 10P
Non-isolated Buck Offline LED Driver
logo
List of Unclassifed Man...
WS3441A ETC2-WS3441A Datasheet
505Kb / 8P
Non-isolated Buck Offline LED Driver
logo
Shenzhen Winsemi Microe...
WS3441A WINSEMI-WS3441A Datasheet
505Kb / 8P
Non-isolated Buck Offline LED Driver
WS3441AS8P WINSEMI-WS3441AS8P Datasheet
505Kb / 8P
Non-isolated Buck Offline LED Driver
More results

Similar Description - WS3440

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UL82A UTC-UL82A Datasheet
400Kb / 12P
NON ISOLATED BUCK CONSTANT CURRENT LED DRIVER IC
UL98A UTC-UL98A Datasheet
172Kb / 6P
NON ISOLATED BUCK CONSTANT CURRENT LED DRIVER IC
UL98B UTC-UL98B Datasheet
173Kb / 7P
NON ISOLATED BUCK CONSTANT CURRENT LED DRIVER IC
UL98C UTC-UL98C Datasheet
173Kb / 7P
NON ISOLATED BUCK CONSTANT CURRENT LED DRIVER IC
USL1602 UTC-USL1602 Datasheet
179Kb / 7P
CONSTANT CURRENT CONTROLLER FOR NON-ISOLATED BUCK LED DRIVER
UL82B UTC-UL82B Datasheet
393Kb / 12P
NON ISOLATED BUCK CONSTANT CURRENT LED DRIVER IC
UL82C UTC-UL82C Datasheet
393Kb / 12P
NON ISOLATED BUCK CONSTANT CURRENT LED DRIVER IC
UL96A UTC-UL96A Datasheet
193Kb / 7P
NON ISOLATED BUCK CONSTANT CURRENT LED DRIVER IC
logo
Maxic Technology Corpor...
MT7724 MAXIC-MT7724 Datasheet
165Kb / 1P
Non-isolated High Efficiency Buck Constant Current LED Driver
logo
Bright Power Semiconduc...
BP2812 BPS-BP2812 Datasheet
487Kb / 11P
Constant Current Controller For Non-isolated Buck LED Driver
Rev.1.0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com