Electronic Components Datasheet Search
  English  ▼

X  

WS3440 Datasheet(PDF) 5 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # WS3440
Description  Constant Current Controller For Non-isolated Buck LED Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WS3440 Datasheet(HTML) 5 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  WS3440 Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3440 Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3440 Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3440 Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3440 Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3440 Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3440 Datasheet HTML 7Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3440 Datasheet HTML 8Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Copyright@Winsemi Microelectronics Co., Ltd., All right reserved.
W/T-Y027-Rev.A/1 May.2014
WS3440 Product Description
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
0813
F
F
F
Function
unction
unction
unction Description
Description
Description
Description
WS3440 is a constant current controller, designed for driving
non-isolated buck LED power supply. WS3440 uses patent
constant current control method and source driver structure,
excellent constant current characteristic is achieved with low
counts components. Low cost and high efficiency of system
is realized.
Start
Start
Start
Start up
up
up
up
The Vcc will be charged through the startup resistor when
the system is powered on. When the voltage on Vcc reaches
the startup voltage threshold, the controller starts to
switching. The Vcc voltage of WS3440 is clamped to 7.3V
by internal Zener diode.
Constant
Constant
Constant
Constant Current
Current
Current
Current Control
Control
Control
Control and
and
and
and Output
Output
Output
Output Current
Current
Current
Current Setting
Setting
Setting
Setting
The WS3440 uses patent constant current control method,
excellent constant current is achieved with low counts
components. The WS3440 senses the peak current in
inductor cycle by cycle. The CS Pin is connected to the input
of internal current comparator, and compared with the
internal 400mV reference voltage. The external power
MOSFET will be turned off when the CS pin voltage reaches
the voltage threshold. The comparator has a 350ns LEB
timer to avoid mis-trigger.
The peak current in the inductor is given by:
)
(
400
mA
R
I
CS
PK =
The Rcs is the resistance of current sense resistor The
current in LED can be calculated by the following equation:
2
PK
LED
I
I
=
The IPK is the peak current in inductor
Source
Source
Source
Source Driver
Driver
Driver
Driver Structure
Structure
Structure
Structure
The WS3440 uses the patent source driver structure. The
typical operation current is as low as 200uA, the auxiliary
winding is not need. So the system design is simple and the
cost is low.
Inductance
Inductance
Inductance
Inductance Calculation
Calculation
Calculation
Calculation
The WS3440 is designed to work in inductor current critical
mode; the energy will be stored in the inductor when the
MOSFET is turned on. The turn on time is given by:
LED
IN
PK
on
V
V
I
L
t
−
×
=
The L is the inductance. The Ipk is the peak current in
inductor. The VIN is the input rectified voltage. The VLED
is the voltage on LED.
When the power MOSFET is turned off, the inductor current
will decrease from the peak current to zero. The turn off time
is given by:
LED
PK
off
V
I
L
t
×
=
The MOSFET will be turned on again when it detects the
inductor current goes to zero. The inductance can be
calculated by the following equation:
IN
PK
LED
IN
LED
V
I
f
V
V
V
L
×
×
−
×
=
)
(
The f is the system switching frequency, which is
proportional to the input voltage. So the minimum switching
frequency is set at lowest input voltage, and maximum
switching frequency is set at highest input voltage.
The WS3440 internally set the minimum off time to 4us and
maximum off time to 240 us. When the inductance is very
small, the toff may goes below the minimum off time and the
inductor current becomes discontinuous. So the output LED
current will be smaller than the setting value. If the
inductance is too large, the toff may goes beyond the
maximum off time and the inductor current becomes
continuous. And the output LED current will be larger than
the setting value. So it’s very important to select a right
inductance.
The WS3440 also internally set the maximum on time to
40us. When the input voltage is very low or LED output



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com