Electronic Components Datasheet Search
  English  ▼

X  

HC49 Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # HC49
Description  Dual 4-bit Decade Counters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HC49 Datasheet(HTML) 1 Page - Hitachi Semiconductor

  HC49 Datasheet HTML 1Page - Hitachi Semiconductor HC49 Datasheet HTML 2Page - Hitachi Semiconductor HC49 Datasheet HTML 3Page - Hitachi Semiconductor HC49 Datasheet HTML 4Page - Hitachi Semiconductor HC49 Datasheet HTML 5Page - Hitachi Semiconductor HC49 Datasheet HTML 6Page - Hitachi Semiconductor HC49 Datasheet HTML 7Page - Hitachi Semiconductor HC49 Datasheet HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
HD74HC490
Dual 4-bit Decade Counters
Description
This circuit contains eight master-slave flip-flops and additional gating to implement two individual 4-bit
decade counters. Each decade counter has individual clock, clear and set-to-9 inputs. BCD count
sequences of any length up to divide-by-100 may be implemented with a single HD74HC490. Buffering
on each output is provided to ensure that suceptibility to collector communication is reduced significantly.
The counters have paralle outputs from each counter state so that submultiples of the input count frequency
are available for system timing signals.
Features
• High Speed Operation: t
pd (Clock to QA) = 13 ns typ (CL = 50 pF)
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: V
CC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: I
CC (static) = 4 µA max (Ta = 25°C)
Function Table
Clear/Set-To-9
Inputs
Outputs
Clear
Set-To-9
Q
A
Q
B
Q
C
Q
D
H
L
L
LLL
L
H
H
LLH
L
L
Count


Similar Part No. - HC49

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
HC49 GOLLEDGE-HC49 Datasheet
61Kb / 1P
STANDARD CRYSTAL
logo
ECM Electronics Limited...
HC49 ECM-HC49 Datasheet
73Kb / 1P
Standard Crystal
logo
EUROQUARTZ limited
HC49 EUROQUARTZ-HC49 Datasheet
158Kb / 1P
THROUGH-HOLE CRYSTALS
logo
Jauch Quartz Gmbh
HC49 JAUCH-HC49 Datasheet
106Kb / 2P
Quartz Crystal
HC49 JAUCH-HC49 Datasheet
97Kb / 2P
Quartz Crystal
More results

Similar Description - HC49

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS160A MOTOROLA-SN54LS160A Datasheet
157Kb / 6P
BCD DECADE COUNTERS/ 4-BIT BINARY COUNTERS
logo
ON Semiconductor
SN54-74LS160A ONSEMI-SN54-74LS160A Datasheet
79Kb / 6P
BCD DECADE COUNTERS/ 4-BIT BINARY COUNTERS
logo
Texas Instruments
SN54390 TI-SN54390 Datasheet
893Kb / 21P
DUAL 4-BIT DECADE AND BINARY COUNTERS
SN74LS68 TI-SN74LS68 Datasheet
426Kb / 7P
DUAL 4 BIT DECADE OR BINARY COUNTERS
logo
National Semiconductor ...
DM74ALS390 NSC-DM74ALS390 Datasheet
106Kb / 6P
Dual 4-Bit Decade Counters
logo
Motorola, Inc
SN74LS160A MOTOROLA-SN74LS160A Datasheet
83Kb / 6P
BCD DECADE COUNTERS/ 4-BIT BINARY COUNTERS
logo
Texas Instruments
SN54LS490 TI-SN54LS490 Datasheet
141Kb / 8P
DUAL 4-BIT DECADE COUNTERS
SN54390 TI-SN54390_08 Datasheet
1Mb / 31P
DUAL 4-BIT DECADE AND BINARY COUNTERS
logo
Renesas Technology Corp
HD74HC490 RENESAS-HD74HC490 Datasheet
160Kb / 8P
Dual 4-bit Decade Counters
logo
Texas Instruments
SN54390 TI1-SN54390_15 Datasheet
1Mb / 28P
DUAL 4-BIT DECADE AND BINARY COUNTERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com