Electronic Components Datasheet Search
  English  ▼

X  

HC49 Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # HC49
Description  Dual 4-bit Decade Counters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HC49 Datasheet(HTML) 2 Page - Hitachi Semiconductor

  HC49 Datasheet HTML 1Page - Hitachi Semiconductor HC49 Datasheet HTML 2Page - Hitachi Semiconductor HC49 Datasheet HTML 3Page - Hitachi Semiconductor HC49 Datasheet HTML 4Page - Hitachi Semiconductor HC49 Datasheet HTML 5Page - Hitachi Semiconductor HC49 Datasheet HTML 6Page - Hitachi Semiconductor HC49 Datasheet HTML 7Page - Hitachi Semiconductor HC49 Datasheet HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
HD74HC490
2
BCD Count Sequence
Outputs
Count
Q
D
Q
C
Q
B
Q
A
0L
L
L
L
1L
L
L
H
2L
L
H
L
3L
L
H
H
4L
H
L
L
5L
H
L
H
6L
H
H
L
7L
H
H
H
8H
L
L
L
9H
L
L
H
Pin Arrangement
CLR
CLR
QA
QA
QB
QC
QD
QB
QC
QD
CK
CK
(Top view)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
1 Set-
to-9
1QB
1QC
1QD
GND
1Clock
1Clear
1QA
Output
VCC
2Clock
2 Set-
to-9
2QB
2QC
2QD
2Clear
2QA
Output



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com