Electronic Components Datasheet Search
  English  ▼

X  

HC49 Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # HC49
Description  Dual 4-bit Decade Counters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HC49 Datasheet(HTML) 3 Page - Hitachi Semiconductor

  HC49 Datasheet HTML 1Page - Hitachi Semiconductor HC49 Datasheet HTML 2Page - Hitachi Semiconductor HC49 Datasheet HTML 3Page - Hitachi Semiconductor HC49 Datasheet HTML 4Page - Hitachi Semiconductor HC49 Datasheet HTML 5Page - Hitachi Semiconductor HC49 Datasheet HTML 6Page - Hitachi Semiconductor HC49 Datasheet HTML 7Page - Hitachi Semiconductor HC49 Datasheet HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
HD74HC490
3
DC Characteristics
Ta = 25
°C
Ta = –40 to
+85
°C
Item
Symbol
V
CC (V)
Min Typ Max Min
Max
Unit
Test Conditions
Input voltage
V
IH
2.0
1.5
—
—
1.5
—
V
4.5
3.15 —
—
3.15
—
6.0
4.2
—
—
4.2
—
V
IL
2.0
—
—
0.5
—
0.5
V
4.5
—
—
1.35 —
1.35
6.0
—
—
1.8
—
1.8
Output voltage
V
OH
2.0
1.9
2.0
—
1.9
—
V
Vin = V
IH or VIL
I
OH = –20 µA
4.5
4.4
4.5
—
4.4
—
6.0
5.9
6.0
—
5.9
—
4.5
4.18 —
—
4.13
—
I
OH = –4 mA
6.0
5.68 —
—
5.63
—
I
OH = –5.2 mA
V
OL
2.0
—
0.0
0.1
—
0.1
V
Vin = V
IH or VIL
I
OL = 20 µA
4.5
—
0.0
0.1
—
0.1
6.0
—
0.0
0.1
—
0.1
4.5
—
—
0.26 —
0.33
I
OL = 4 mA
6.0
—
—
0.26 —
0.33
I
OL = 5.2 mA
Input current
Iin
6.0
—
—
±0.1 —
±1.0 µA
Vin = V
CC or GND
Quiescent supply
current
I
CC
6.0
—
—
4.0
—
40
µA
Vin = V
CC or GND, Iout = 0 µA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com