Electronic Components Datasheet Search
  English  ▼

X  

HC49 Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part # HC49
Description  Dual 4-bit Decade Counters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HC49 Datasheet(HTML) 4 Page - Hitachi Semiconductor

  HC49 Datasheet HTML 1Page - Hitachi Semiconductor HC49 Datasheet HTML 2Page - Hitachi Semiconductor HC49 Datasheet HTML 3Page - Hitachi Semiconductor HC49 Datasheet HTML 4Page - Hitachi Semiconductor HC49 Datasheet HTML 5Page - Hitachi Semiconductor HC49 Datasheet HTML 6Page - Hitachi Semiconductor HC49 Datasheet HTML 7Page - Hitachi Semiconductor HC49 Datasheet HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
HD74HC490
4
AC Characteristics (C
L = 50 pF, Input tr = tf = 6 ns)
Ta = 25
°C
Ta = –40 to
+85
°C
Item
Symbol
V
CC (V)
Min Typ Max Min
Max
Unit
Test Conditions
Maximum clock
f
max
2.0
—
—
4
—
3
MHz
frequency
4.5
—
—
20
—
16
6.0
—
—
24
—
19
Propagation delay t
PLH
2.0
—
—
120 —
150
ns
Clock to Q
A
time
t
PHL
4.5
—
13
24
—
30
6.0
—
—
20
—
26
t
PLH
2.0
—
—
205 —
255
ns
Clock to Q
B QC
t
PHL
4.5
—
21
41
—
51
6.0
—
—
35
—
43
t
PLH
2.0
—
—
280 —
350
ns
Clock to Q
C
t
PHL
4.5
—
23
56
—
70
6.0
—
—
48
—
60
t
PHL
2.0
—
—
205 —
255
ns
Clear to any output
4.5
—
18
41
—
51
6.0
—
—
35
—
43
t
PLH
2.0
—
—
205 —
255
ns
Set-to-9 to Q
A, QD
4.5
—
13
41
—
51
6.0
—
—
35
—
43
t
PHL
2.0
—
—
190 —
240
ns
Set-to-9 to Q
B, QC
4.5
—
17
38
—
48
6.0
—
—
32
—
41
Pulse width
t
w
2.0
80
—
—
100
—
ns
4.5
16
6
—
20
—
6.0
14
—
—
17
—
Setup time
t
su
2.0
100 —
—
125
—
ns
4.5
20
1
—
25
—
6.0
17
—
—
21
—
Output rise/fall
t
TLH
2.0
—
—
75
—
95
ns
time
t
THL
4.5
—
5
15
—
19
6.0
—
—
13
—
16
Input capacitance
Cin
—
—
5
10
—
10
pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com