Electronic Components Datasheet Search
  English  ▼

X  

NE960R2 Datasheet(PDF) 4 Page - NEC

Part # NE960R2
Description  0.2 W X, Ku-BAND POWER GaAs MES FET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE960R2 Datasheet(HTML) 4 Page - NEC

  NE960R2 Datasheet HTML 1Page - NEC NE960R2 Datasheet HTML 2Page - NEC NE960R2 Datasheet HTML 3Page - NEC NE960R2 Datasheet HTML 4Page - NEC NE960R2 Datasheet HTML 5Page - NEC NE960R2 Datasheet HTML 6Page - NEC NE960R2 Datasheet HTML 7Page - NEC NE960R2 Datasheet HTML 8Page - NEC NE960R2 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Preliminary Data Sheet P13775EJ2V0DS00
4
NE960R2 SERIES
TYPICAL S-PARAMETER
[NE960R275]
TEST CONDITIONS: VDS = 9 V, IDset = 90 mA
FREQUENCY
S11
S21
S12
S22
GHz
MAG.
ANG. (deg.)
MAG.
ANG. (deg.)
MAG.
ANG. (deg.)
MAG.
ANG. (deg.)
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
11.0
12.0
13.0
14.0
15.0
16.0
0.89
0.86
0.85
0.84
0.81
0.83
0.81
0.75
0.71
0.62
0.48
0.54
0.69
0.80
0.81
–113
–129
–138
–140
–144
–152
–163
–176
166
140
86
20
–20
–45
–66
3.99
2.88
2.29
1.99
1.78
1.77
1.82
1.89
2.12
2.42
2.50
2.32
1.77
1.30
1.03
98
80
65
51
39
27
15
0
–19
–44
–78
–113
–144
–166
167
0.057
0.058
0.057
0.057
0.059
0.060
0.062
0.062
0.064
0.072
0.074
0.065
0.049
0.040
0.039
34
15
10
7
5
3
3
1
0
–17
–46
–88
–132
–176
149
0.42
0.46
0.43
0.41
0.44
0.49
0.53
0.52
0.47
0.45
0.50
0.56
0.59
0.61
0.67
–79
–85
–94
–110
–125
–135
–141
–150
–167
164
129
94
68
44
27
START 2 GHz, STOP 16 GHz, STEP 1 GHz
1.0
0.5
2.0
0
∞
–0.5
–1.0
–2.0
S11
Rmax. = 1
+90
°
+135
°
+45
°
±180°
0
–135
°
–90
°
–45
°
S12
Rmax. = 0.1
+90
°
+135
°
+45
°
±180°
0
°
–135
°
–90
°
–45
°
S21
16 GHz
0.5
1.0
2.0
1.0
0.5
2.0
0
∞
–0.5
–1.0
–2.0
S22
Rmax. = 1
2 GHz
2 GHz
0.5
1.0
2.0
Rmax. = 5
2 GHz
16 GHz
16 GHz
2 GHz
16 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com