Electronic Components Datasheet Search
  English  ▼

X  

NE960R2 Datasheet(PDF) 1 Page - NEC

Part # NE960R2
Description  0.2 W X, Ku-BAND POWER GaAs MES FET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE960R2 Datasheet(HTML) 1 Page - NEC

  NE960R2 Datasheet HTML 1Page - NEC NE960R2 Datasheet HTML 2Page - NEC NE960R2 Datasheet HTML 3Page - NEC NE960R2 Datasheet HTML 4Page - NEC NE960R2 Datasheet HTML 5Page - NEC NE960R2 Datasheet HTML 6Page - NEC NE960R2 Datasheet HTML 7Page - NEC NE960R2 Datasheet HTML 8Page - NEC NE960R2 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
N-CHANNEL GaAs MES FET
NE960R2 SERIES
0.2 W X, Ku-BAND POWER GaAs MES FET
Document No. P13775EJ2V0DS00 (2nd edition)
Date Published July 1999 N CP(K)
Printed in Japan
PRELIMINARY DATA SHEET
1998, 1999
©
The mark
shows major revised points.
DESCRIPTION
The NE960R2 Series are 0.2 W GaAs MES FETs designed for middle power transmitter applications for X, Ku-
band microwave communication systems. It is capable of delivering 0.2 watt of output power (CW) with high linear
gain, high efficiency and low distortion and are suitable as driver amplifiers for our X, Ku-band NEZ Series amplifiers
etc.
The NE961R200 and the NE960R200 are available in chip form.
The NE960R200 has a via hole source
grounding and PHS (Plated Heat Sink) for superior RF performance. The NE960R275 is available in a hermetically
sealed ceramic package. Reliability and performance uniformity are assured by NEC’s stringent quality and control
procedures.
FEATURES
•
High Output Power
: Po (1 dB) = +25.0 dBm TYP.
•
High Linear Gain
: 10.0 dB TYP.
•
High Power Added Efficiency: 35 % TYP. @VDS = 9 V, IDset = 90 mA, f = 14.5 GHz
ORDERING INFORMATION
Part Number
Package
Supplying Form
NE960R200
NE961R200
00 (CHIP)
NE960R275
75
ESD protective envelope
Remark To order evaluation samples, please contact your local NEC sales office.
(Part number for sample order: NE960R200, NE960R275, NE961R200)
Caution Please handle this device at static-free workstation, because this is an electrostatic sensitive
device.


Similar Part No. - NE960R2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NE960R2 RENESAS-NE960R2 Datasheet
245Kb / 10P
N-CHANNEL GaAs MES FET
2003
NE960R200 RENESAS-NE960R200 Datasheet
245Kb / 10P
N-CHANNEL GaAs MES FET
2003
logo
NEC
NE960R275 NEC-NE960R275 Datasheet
29Kb / 3P
0.2W X, Ku-BAND POWER GaAs MESFET
logo
California Eastern Labs
NE960R275 CEL-NE960R275 Datasheet
30Kb / 3P
0.2W X, Ku-BAND POWER GaAs MESFET
logo
Renesas Technology Corp
NE960R275 RENESAS-NE960R275 Datasheet
245Kb / 10P
N-CHANNEL GaAs MES FET
2003
More results

Similar Description - NE960R2

ManufacturerPart #DatasheetDescription
logo
NEC
NE650R279A NEC-NE650R279A Datasheet
77Kb / 8P
0.2 W L, S-BAND POWER GaAs MES FET
NE960R5 NEC-NE960R5 Datasheet
62Kb / 12P
0.5 W X, Ku-BAND POWER GaAs MES FET
logo
Eudyna Devices Inc
FLK017WF EUDYNA-FLK017WF Datasheet
110Kb / 4P
X, Ku Band Power GaAs FET
FLK027WG EUDYNA-FLK027WG Datasheet
84Kb / 4P
X, Ku Band Power GaAs FET
FLK057WG EUDYNA-FLK057WG Datasheet
93Kb / 4P
X, Ku Band Power GaAs FET
FLK107MH-14 EUDYNA-FLK107MH-14 Datasheet
92Kb / 4P
X, Ku Band Power GaAs FET
FLK207MH-14 EUDYNA-FLK207MH-14 Datasheet
92Kb / 4P
X, Ku Band Power GaAs FET
FLX107MH-12 EUDYNA-FLX107MH-12 Datasheet
92Kb / 4P
X, Ku Band Power GaAs FET
FLX207MH-12 EUDYNA-FLX207MH-12 Datasheet
92Kb / 4P
X, Ku Band Power GaAs FET
logo
NEC
NE960R575 NEC-NE960R575_01 Datasheet
28Kb / 3P
0.5W X, Ku-BAND POWER GaAs FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com