Electronic Components Datasheet Search
  English  ▼

X  

NE960R2 Datasheet(PDF) 6 Page - NEC

Part # NE960R2
Description  0.2 W X, Ku-BAND POWER GaAs MES FET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE960R2 Datasheet(HTML) 6 Page - NEC

Back Button NE960R2 Datasheet HTML 2Page - NEC NE960R2 Datasheet HTML 3Page - NEC NE960R2 Datasheet HTML 4Page - NEC NE960R2 Datasheet HTML 5Page - NEC NE960R2 Datasheet HTML 6Page - NEC NE960R2 Datasheet HTML 7Page - NEC NE960R2 Datasheet HTML 8Page - NEC NE960R2 Datasheet HTML 9Page - NEC NE960R2 Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Preliminary Data Sheet P13775EJ2V0DS00
6
NE960R2 SERIES
[NE961R200]
TEST CONDITIONS: VDS = 9 V, IDset = 90 mA
FREQUENCY
S11
S21
S12
S22
GHz
MAG.
ANG. (deg.)
MAG.
ANG. (deg.)
MAG.
ANG. (deg.)
MAG.
ANG. (deg.)
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
11.0
12.0
13.0
14.0
15.0
16.0
17.0
18.0
0.85
0.80
0.78
0.77
0.77
0.76
0.74
0.74
0.74
0.74
0.74
0.76
0.77
0.77
0.78
0.77
0.78
−92
−114
−128
−142
−143
−146
−149
−152
−157
−163
−171
−176
178
175
172
168
164
8.08
3.83
3.17
2.64
2.25
1.99
1.71
1.60
1.47
1.37
1.29
1.25
1.06
0.96
0.89
0.88
0.68
−152
−146
−135
−108
−80
−52
−28
2
30
57
83
107
131
167
−162
−134
−107
0.056
0.058
0.060
0.064
0.067
0.066
0.065
0.082
0.072
0.076
0.102
0.074
0.113
0.098
0.114
0.115
0.165
112
136
172
−154
−117
−88
−40
−11
29
70
107
133
180
−165
−117
−76
−55
0.40
0.36
0.34
0.33
0.34
0.37
0.40
0.44
0.47
0.49
0.50
0.52
0.52
0.53
0.54
0.52
0.52
−39
−52
−60
−70
−80
−87
−94
−98
−99
−103
−107
−111
−117
−122
−127
−131
−141
Caution S-parameters include bond wires.
Gate
: Total 2 wires, 1 per bond pad, 300
µµµµm long each wire.
Drain
: Total 2 wires, 1 per bond pad, 300
µµµµm long each wire.
Source : Total 4 wires, 1 per bond pad, 300
µµµµm long each wire.
Wire
: 25
µµµµm diameter, gold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com