Electronic Components Datasheet Search
  English  ▼

X  

74LVC138ABQ Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74LVC138ABQ
Description  3-to-8 line decoder/demultiplexer; inverting
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC138ABQ Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74LVC138ABQ Datasheet HTML 3Page - NXP Semiconductors 74LVC138ABQ Datasheet HTML 4Page - NXP Semiconductors 74LVC138ABQ Datasheet HTML 5Page - NXP Semiconductors 74LVC138ABQ Datasheet HTML 6Page - NXP Semiconductors 74LVC138ABQ Datasheet HTML 7Page - NXP Semiconductors 74LVC138ABQ Datasheet HTML 8Page - NXP Semiconductors 74LVC138ABQ Datasheet HTML 9Page - NXP Semiconductors 74LVC138ABQ Datasheet HTML 10Page - NXP Semiconductors 74LVC138ABQ Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
74LVC138A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 19 October 2011
7 of 16
NXP Semiconductors
74LVC138A
3-to-8 line decoder/demultiplexer; inverting
[1]
Typical values are measured at Tamb =25 C and VCC = 1.2 V, 1.8 V, 2.5 V, 2.7 V, and 3.3 V respectively.
[2]
tpd is the same as tPLH and tPHL.
[3]
Skew between any two outputs of the same package switching in the same direction. This parameter is guaranteed by design.
[4]
CPD is used to determine the dynamic power dissipation (PD in W).
PD =CPD  VCC2  fi  N+ (CL  VCC2  fo) where:
fi = input frequency in MHz; fo = output frequency in MHz
CL = output load capacitance in pF
VCC = supply voltage in V
N = number of inputs switching
(C
L  VCC
2
 f
o) = sum of outputs
11. Waveforms
CPD
power dissipation
capacitance
VI = GND to VCC
[4]
VCC = 1.65 V to 1.95 V
-
9.9
-
pF
VCC = 2.3 V to 2.7 V
-
15.8
-
pF
VCC = 3.0 V to 3.6 V
-
21.1
-
pF
Table 7.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V). For test circuit see Figure 8.
Symbol Parameter
Conditions
40 C to +85 C
40 C to +125 C Unit
Min
Typ[1]
Max
Min
Max
VM =1.5 V atVCC  2.7 V;
VM =0.5  VCC at VCC <2.7 V;
VOL and VOH are typical output voltage levels that occur
with the output load.
VM =1.5 V at VCC  2.7 V;
VM =0.5  VCC at VCC <2.7 V;
VOL and VOH are typical output voltage levels that occur
with the output load.
Fig 6.
The inputs An, E3 to outputs Yn propagation
delays
Fig 7.
The inputs En to outputs Yn propagation
delays
mna373
An, E3
input
Yn
output
tPHL
tTHL
tPLH
GND
VCC
VM
VM
VOH
VOL
tTLH
mna374
E1, E2
input
Yn
output
tPHL
tPLH
GND
VCC
VM
VM
VOH
VOL
tTHL
tTLH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com