Electronic Components Datasheet Search
  English  ▼

X  

74LVC138ABQ Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74LVC138ABQ
Description  3-to-8 line decoder/demultiplexer; inverting
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC138ABQ Datasheet(HTML) 3 Page - NXP Semiconductors

  74LVC138ABQ Datasheet HTML 1Page - NXP Semiconductors 74LVC138ABQ Datasheet HTML 2Page - NXP Semiconductors 74LVC138ABQ Datasheet HTML 3Page - NXP Semiconductors 74LVC138ABQ Datasheet HTML 4Page - NXP Semiconductors 74LVC138ABQ Datasheet HTML 5Page - NXP Semiconductors 74LVC138ABQ Datasheet HTML 6Page - NXP Semiconductors 74LVC138ABQ Datasheet HTML 7Page - NXP Semiconductors 74LVC138ABQ Datasheet HTML 8Page - NXP Semiconductors 74LVC138ABQ Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
74LVC138A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 19 October 2011
3 of 16
NXP Semiconductors
74LVC138A
3-to-8 line decoder/demultiplexer; inverting
5.
Pinning information
5.1 Pinning
5.2 Pin description
(1) This is not a supply pin. The substrate is attached to this
pad using conductive die attach material. There is no
electrical or mechanical requirement to solder this pad.
However, if it is soldered, the solder land should remain
floating or be connected to GND.
Fig 4.
Pin configuration for SO16 and (T)SSOP16
Fig 5.
Pin configuration for DHVQFN16
138
A0
VCC
A1
Y0
A2
Y1
E1
Y2
E2
Y3
E3
Y4
Y7
Y5
GND
Y6
001aad033
1
2
3
4
5
6
7
8
10
9
12
11
14
13
16
15
001aad035
138
GND(1)
Y7
Y5
E3
Y4
E2
Y3
E1
Y2
A2
Y1
A1
Y0
Transparent top view
7
10
6
11
5
12
4
13
3
14
2
15
terminal 1
index area
Table 2.
Pin description
Symbol
Pin
Description
A0
1
address input
A1
2
address input
A2
3
address input
E1
4
enable input (active LOW)
E2
5
enable input (active LOW)
E3
6
enable input (active HIGH)
GND
8
ground (0 V)
Y[0:7]
15, 14, 13, 12, 11, 10, 9, 7
output
VCC
16
supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com