Electronic Components Datasheet Search
  English  ▼

X  

74LVC138ABQ Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74LVC138ABQ
Description  3-to-8 line decoder/demultiplexer; inverting
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC138ABQ Datasheet(HTML) 2 Page - NXP Semiconductors

  74LVC138ABQ Datasheet HTML 1Page - NXP Semiconductors 74LVC138ABQ Datasheet HTML 2Page - NXP Semiconductors 74LVC138ABQ Datasheet HTML 3Page - NXP Semiconductors 74LVC138ABQ Datasheet HTML 4Page - NXP Semiconductors 74LVC138ABQ Datasheet HTML 5Page - NXP Semiconductors 74LVC138ABQ Datasheet HTML 6Page - NXP Semiconductors 74LVC138ABQ Datasheet HTML 7Page - NXP Semiconductors 74LVC138ABQ Datasheet HTML 8Page - NXP Semiconductors 74LVC138ABQ Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
74LVC138A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 19 October 2011
2 of 16
NXP Semiconductors
74LVC138A
3-to-8 line decoder/demultiplexer; inverting
3.
Ordering information
4.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74LVC138AD
40 Cto +125 C
SO16
plastic small outline package; 16 leads;
body width 3.9 mm
SOT109-1
74LVC138ADB
40 Cto +125 C
SSOP16
plastic shrink small outline package; 16 leads;
body width 5.3 mm
SOT338-1
74LVC138APW
40 Cto +125 C
TSSOP16
plastic thin shrink small outline package; 16 leads;
body width 4.4 mm
SOT403-1
74LVC138ABQ
40 Cto +125 C
DHVQFN16 plastic dual in-line compatible thermal-enhanced very
thin quad flat package; no leads; 16 terminals;
body 2.5
 3.5  0.85 mm
SOT763-1
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
Y0
Y1
Y2
Y3
Y4
Y5
Y6
Y7
7
9
10
11
12
13
14
15
A0
A1
A2
3
2
1
6
5
4
E2
E1
E3
mna370
mna371
7
9
10
11
12
13
14
&
X/Y
15
7
EN
6
5
4
3
2
1
0
6
5
4
3
2
1
1
4
2
7
9
10
11
12
13
14
&
DX
(a)
(b)
15
7
6
5
4
3
2
1
0
6
5
4
3
2
1
0
2
G
0
7
Fig 3.
Functional diagram
mna372
ENABLE
EXITING
Y0
Y1
Y2
Y3
Y4
Y5
Y6
Y7
7
9
10
11
12
13
14
15
A0
A1
A2
3-to-8
DECODER
3
2
1
6
5
4
E2
E1
E3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com