Electronic Components Datasheet Search
  English  ▼

X  

74LVC138ABQ Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74LVC138ABQ
Description  3-to-8 line decoder/demultiplexer; inverting
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC138ABQ Datasheet(HTML) 1 Page - NXP Semiconductors

  74LVC138ABQ Datasheet HTML 1Page - NXP Semiconductors 74LVC138ABQ Datasheet HTML 2Page - NXP Semiconductors 74LVC138ABQ Datasheet HTML 3Page - NXP Semiconductors 74LVC138ABQ Datasheet HTML 4Page - NXP Semiconductors 74LVC138ABQ Datasheet HTML 5Page - NXP Semiconductors 74LVC138ABQ Datasheet HTML 6Page - NXP Semiconductors 74LVC138ABQ Datasheet HTML 7Page - NXP Semiconductors 74LVC138ABQ Datasheet HTML 8Page - NXP Semiconductors 74LVC138ABQ Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1.
General description
The 74LVC138A is a 3-to-8 line decoder/demultiplexer. It accepts three binary weighted
address inputs (A0, A1 and A2) and, when enabled, provides eight mutually exclusive
outputs (Y0to Y7) that are LOW when selected.
There are three enable inputs: two active LOW (E1andE2) and one active HIGH (E3).
Every output will be HIGH unless E1andE2 are LOW and E3 is HIGH.
This multiple enable function allows easy parallel expansion of the device to a 1-of-32
(5 lines to 32 lines) decoder with just four 74LVC138A devices and one inverter. The
74LVC138A can be used as an eight output demultiplexer by using one of the active LOW
enable inputs as the data input and the remaining enable inputs as strobes. Unused
enable inputs must be permanently tied to their appropriate active HIGH or LOW state.
2.
Features and benefits
5 V tolerant inputs for interfacing with 5 V logic
Wide supply voltage range from 1.2 V to 3.6 V
CMOS low power consumption
Direct interface with TTL levels
Demultiplexing capability
Multiple input enable for easy expansion
Ideal for memory chip select decoding
Mutually exclusive outputs
Output drive capability 50
 transmission lines at 125 C
Complies with JEDEC standard:
JESD8-7A (1.65 V to 1.95 V)
JESD8-5A (2.3 V to 2.7 V)
JESD8-C/JESD36 (2.7 V to 3.6 V)
ESD protection:
HBM JESD22-A114F exceeds 2000 V
MM JESD22-A115-B exceeds 200 V
CDM JESD22-C101E exceeds 1000 V
Specified from
40 Cto+85 C and from 40 C to +125 C
74LVC138A
3-to-8 line decoder/demultiplexer; inverting
Rev. 5 — 19 October 2011
Product data sheet


Similar Part No. - 74LVC138ABQ

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVC138ABQ NEXPERIA-74LVC138ABQ Datasheet
258Kb / 14P
3-to-8 line decoder/demultiplexer; inverting
Rev. 8 - 20 September 2021
74LVC138ABQ-Q100 NEXPERIA-74LVC138ABQ-Q100 Datasheet
245Kb / 14P
3-to-8 line decoder/demultiplexer; inverting
74LVC138ABQ-Q100 NEXPERIA-74LVC138ABQ-Q100 Datasheet
134Kb / 15P
3-to-8 line decoder/demultiplexer; inverting
Rev. 1 4 April 2013
More results

Similar Description - 74LVC138ABQ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC138 PHILIPS-74AHC138 Datasheet
84Kb / 16P
3-to-8 line decoder/demultiplexer; inverting
1999 Sep 27
74HC138 PHILIPS-74HC138 Datasheet
50Kb / 7P
3-to-8 line decoder/demultiplexer; inverting
September 1993
logo
KODENSHI_AUK CORP.
KK74LV138 KODENSHI-KK74LV138 Datasheet
452Kb / 6P
3-to-8 line decoder/demultiplexer; inverting
logo
NXP Semiconductors
74HC138D-Q100 NXP-74HC138D-Q100 Datasheet
241Kb / 18P
3-to-8 line decoder/demultiplexer; inverting
Rev. 1-16 July 2012
74HC138U NXP-74HC138U Datasheet
211Kb / 19P
3-to-8 line decoder/demultiplexer; inverting
Rev. 4-27 June 2012
74HC138D NXP-74HC138D Datasheet
211Kb / 19P
3-to-8 line decoder/demultiplexer; inverting
Rev. 4-27 June 2012
74LV138 PHILIPS-74LV138_15 Datasheet
113Kb / 17P
3-to-8 line decoder/demultiplexer; inverting
Rev. 03-15 November 2007
logo
SHENZHEN FUMAN ELECTRON...
74HC138 FUMAN-74HC138 Datasheet
229Kb / 5P
3-to-8 Line Decoder/Demultiplexer; Inverting
logo
Nexperia B.V. All right...
74LVC138A-Q100 NEXPERIA-74LVC138A-Q100 Datasheet
245Kb / 14P
3-to-8 line decoder/demultiplexer; inverting
74LVC138A NEXPERIA-74LVC138A Datasheet
258Kb / 14P
3-to-8 line decoder/demultiplexer; inverting
Rev. 8 - 20 September 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com