Electronic Components Datasheet Search
  English  ▼

X  

HT113JA Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT113JA
Description  Baseball LCD Game
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT113JA Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT113JA Datasheet HTML 2Page - Holtek Semiconductor Inc HT113JA Datasheet HTML 3Page - Holtek Semiconductor Inc HT113JA Datasheet HTML 4Page - Holtek Semiconductor Inc HT113JA Datasheet HTML 5Page - Holtek Semiconductor Inc HT113JA Datasheet HTML 6Page - Holtek Semiconductor Inc HT113JA Datasheet HTML 7Page - Holtek Semiconductor Inc HT113JA Datasheet HTML 8Page - Holtek Semiconductor Inc HT113JA Datasheet HTML 9Page - Holtek Semiconductor Inc HT113JA Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
LCD Pattern Contrast Table
Pad No.
Pin No.
COM0
COM1
COM2
COM3
SEGMENT
536
¾¾¾
COM3
COM3
635
¾¾
COM2
¾
COM2
734
¾
COM1
¾¾
COM1
8
33
COM0
¾¾¾
COM0
34
32
CO1
B15
B19
B22
SEG0
35
31
3bc
4f
4d
4e
SEG1
36
30
4a
4b
4c
4g
SEG2
37
29
N
S16
S13
B24
SEG3
38
28
B63
S17
S18
B26
SEG4
39
27
H
B53
B43
B45
SEG5
40
26
S23
S22
B49
B48
SEG6
41
25
S29
S28
B61
B60
SEG7
42
24
B62
B59
B57
B56
SEG8
43
23
P
S31
S30
S27
SEG9
44
22
M
S37
S26
B58
SEG10
45
21
B55
S36
B52
B54
SEG11
46
20
S35
B51
S25
B50
SEG12
47
19
S34
B47
S24
B46
SEG13
48
18
S33
B44
B28
B31
SEG14
49
17
B42
B39
B29
B35
SEG15
50
16
S32
B41
B32
B38
SEG16
51
15
V4
B40
B34
B37
SEG17
52
14
V5
B36
B30
B33
SEG18
53
13
S21
V1
B27
S20
SEG19
54
12
V3
V2
B25
S19
SEG20
55
11
S8
B21
S12
B23
SEG21
56
10
B14
S7
B20
S6
SEG22
57
9
GO
S5
B13
S4
SEG23
58
8
S9
S3
B10
B12
SEG24
59
7
B1
SBO
S1
B9
SEG25
60
6
B2
B4
S2
B7
SEG26
61
5
B3
B5
B11
B8
SEG27
62
4
B6
B17
B18
S10
SEG28
63
3
S14
S15
S11
B16
SEG29
64
2
1bc
2f
2d
2e
SEG30
65
1
2a
2b
2c
2g
SEG31
HT113JA
6
December 14, 1999



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com