Electronic Components Datasheet Search
  English  ▼

X  

HT113JA Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT113JA
Description  Baseball LCD Game
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT113JA Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT113JA Datasheet HTML 3Page - Holtek Semiconductor Inc HT113JA Datasheet HTML 4Page - Holtek Semiconductor Inc HT113JA Datasheet HTML 5Page - Holtek Semiconductor Inc HT113JA Datasheet HTML 6Page - Holtek Semiconductor Inc HT113JA Datasheet HTML 7Page - Holtek Semiconductor Inc HT113JA Datasheet HTML 8Page - Holtek Semiconductor Inc HT113JA Datasheet HTML 9Page - Holtek Semiconductor Inc HT113JA Datasheet HTML 10Page - Holtek Semiconductor Inc HT113JA Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
LCD Package Outline
Unit : mm
Specifications
Top polarizer: Transmissive (46.00mm´39.00mm)
Bottom polarizer: Transmissive (46.00mm´37.00mm)
Storage temperature: -20°Cto70°C
Operating temperature: -10°Cto60°C
Viewing angle: 6 o'clock
Drive condition: 3V, 1/4 duty, 1/3 bias
Display mode: Tn, normal type
HT113JA
7
December 14, 1999
P i t c h 1. 2 ´ 35 = 4 2
Ma x . 1 . 0
2. 5
41. 0 M i n. V i e w i ng A r e a
P i n1
P i n3 6
0. 6
0. 6
47. 0 ±0 . 3
2. 0
1. 1 ± 0. 1
1. 1 ± 0. 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com