Electronic Components Datasheet Search
  English  ▼

X  

HT49C50 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT49C50
Description  8-Bit Microcontroller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT49C50 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT49C50 Datasheet HTML 3Page - Holtek Semiconductor Inc HT49C50 Datasheet HTML 4Page - Holtek Semiconductor Inc HT49C50 Datasheet HTML 5Page - Holtek Semiconductor Inc HT49C50 Datasheet HTML 6Page - Holtek Semiconductor Inc HT49C50 Datasheet HTML 7Page - Holtek Semiconductor Inc HT49C50 Datasheet HTML 8Page - Holtek Semiconductor Inc HT49C50 Datasheet HTML 9Page - Holtek Semiconductor Inc HT49C50 Datasheet HTML 10Page - Holtek Semiconductor Inc HT49C50 Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
Absolute Maximum Ratings
Supply Voltage........................VSS-0.3V to 5.5V
Storage Temperature.................-50°Cto125°C
Input Voltage.................VSS-0.3V to VDD+0.3V
Operating Temperature ..............-25°Cto70°C
Note: These are stress ratings only. Stresses exceeding the range specified under ²Absolute Maxi-
mum Ratings² may cause substantial damage to the device. Functional operation of this device
at other conditions beyond those listed in the specification is not implied and prolonged expo-
sure to extreme conditions may affect device reliability.
D.C. Characteristics
Ta=25°C
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD
Conditions
VDD
Operating Voltage
¾¾
2.2
¾
5.2
V
IDD1
Operating Current
(Crystal OSC)
3V No load,
fSYS=4MHz
¾
12
mA
5V
¾
2.5
5
mA
IDD2
Operating Current (RC OSC)
3V No load,
fSYS=2MHz
¾
0.75
1.5
mA
5V
¾
1.5
3
mA
ISTB1
Standby Current
(RTC Enable, LCD ON)
3V No load,
system halt
¾¾
5
mA
5V
¾¾
10
mA
ISTB2
Standby Current
(RTC Disable, LCD OFF)
3V No load,
system halt
¾¾
1
mA
5V
¾¾
2
mA
VIL
I/O Port Input Low Voltage
3V
¾
0
¾
0.9
V
5V
¾
0
¾
1.5
V
VIH
I/O Port Input High Voltage
3V
¾
2.1
¾
3V
5V
¾
3.5
¾
5V
VIL1
Input Low Voltage
(RES, INT0, INT1, TMR0, TMR1)
3V RES=0.5VDD
INT0/1=0.3VDD
TMR0/1=0.3VDD
0
¾
1.5/0.9
V
5V
0
¾
2.5/1.5
V
VIH1
Input High Voltage
(RES, INT0, INT1, TMR0, TMR1)
3V
0.8VDD
2.4
¾
3V
5V
4.0
¾
5V
IOL
I/O Ports Sink Current
3V VDD=3V,
VOL=0.3V
1.5
2.5
¾
mA
5V VDD=5V,
VOL=0.5V
46
¾
mA
HT49C50
7
August 18, 1999



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com