Electronic Components Datasheet Search
  English  ▼

X  

HT49C50 Datasheet(PDF) 47 Page - Holtek Semiconductor Inc

Part # HT49C50
Description  8-Bit Microcontroller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT49C50 Datasheet(HTML) 47 Page - Holtek Semiconductor Inc

Back Button HT49C50 Datasheet HTML 43Page - Holtek Semiconductor Inc HT49C50 Datasheet HTML 44Page - Holtek Semiconductor Inc HT49C50 Datasheet HTML 45Page - Holtek Semiconductor Inc HT49C50 Datasheet HTML 46Page - Holtek Semiconductor Inc HT49C50 Datasheet HTML 47Page - Holtek Semiconductor Inc HT49C50 Datasheet HTML 48Page - Holtek Semiconductor Inc HT49C50 Datasheet HTML 49Page - Holtek Semiconductor Inc HT49C50 Datasheet HTML 50Page - Holtek Semiconductor Inc HT49C50 Datasheet HTML 51Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 52 page
background image
SET [m]
Set data memory
Description
Each bit of the specified data memory is set to one.
Operation
[m] ¬ FFH
Affected flag(s)
TC2 TC1
TO
PD
OV
Z
AC
C
¾
¾
¾¾¾¾¾¾
SET [m].i
Set bit of data memory
Description
Bit ²i² of the specified data memory is set to one.
Operation
[m].i ¬ 1
Affected flag(s)
TC2 TC1
TO
PD
OV
Z
AC
C
¾
¾
¾¾¾¾¾¾
SIZ [m]
Skip if increment data memory is zero
Description
The contents of the specified data memory are incremented by one. If the re-
sult is zero, the following instruction, fetched during the current instruction
execution, is discarded and a dummy cycle is replaced to get the proper in-
struction (two cycles). Otherwise proceed with the next instruction (one cy-
cle).
Operation
Skip if ([m]+1)=0, [m] ¬ ([m]+1)
Affected flag(s)
TC2 TC1
TO
PD
OV
Z
AC
C
¾
¾
¾¾¾¾¾¾
SIZA [m]
Increment data memory and place result in ACC, skip if zero
Description
The contents of the specified data memory are incremented by one. If the re-
sult is zero, the next instruction is skipped and the result is stored in the ac-
cumulator. The data memory remains unchanged. If the result is zero, the
following instruction, fetched during the current instruction execution, is
discarded and a dummy cycle is replaced to get the proper instruction (two
cycles). Otherwise proceed with the next instruction (one cycle).
Operation
Skip if ([m]+1)=0, ACC ¬ ([m]+1)
Affected flag(s)
TC2 TC1
TO
PD
OV
Z
AC
C
¾
¾
¾¾¾¾¾¾
HT49C50
47
August 18, 1999



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com