| Electronic Components Datasheet Search |
|
HT49C50 Datasheet(PDF) 25 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT49C50 Datasheet(HTML) 25 Page - Holtek Semiconductor Inc |
|
25 / 52 page ![]() HT49C50 25 August 18, 1999 Q D CK S Q D a t a bus Wr i t e C h i p R es et R ead I / O S y s t em W ak e- up ( P A onl y ) W eak Pu l l - u p PA0 ~ PA7 PB0 ~ PB7 PC 0 ~ PC 3 M a sk o p t i o n ( P A 0 ~ P A 3 , P C ) M a sk o p t i o n VD D Ma s k opt i o n (P A 0 ~ P A3 , PC ) VD D PC Input/output ports Input/output ports There are a 12-bit bidirectional input/output port, an 8-bit input port in the HT49C50, labeled PA, PB and PC which are mapped to [12H], [14H] and [16H] of the RAM, respectively. PA0~PA3 can be configured as CMOS (output) or NMOS (input/output) with or without pull-high resistor by mask option. PA4~PA7 are always pull-high and NMOS (input/output). If you choose NMOS (input), each bit on the port (PA0~PA7) can be configured as a wake-up input. PB can only be used for input operation, and each bit on the port can be configured with pull-high re- sistor. PC can be configured as CMOS output or NMOS input/output with or without pull-high re- sistor by mask option. All the port for the input op- eration (PA, PB and PC), these ports are non-latched, that is, the inputs should be ready at the T2 rising edge of the instruction ²MOV A, [m]² (m=12H or 14H). For PA, PC output operation, all data are latched and remain unchanged until the outputlatch is rewritten. When the PA and PC structures are open drain NMOS type, it should be noted that, before reading data from the pads, a ²1² should be written to the related bits to disable the NMOS device. That is executing first the instruction ²SET [m].i² (i=0~7 for PA) to disable related NMOS device, and then ²MOV A, [m]² to get stable data. After chip reset, these input lines remain at the high level or are left floating (by mask option). Each bit of these output latches can be set or cleared by the ²SET [m].i² and ²CLR [m].i² (m=12H or 16H) instructions. Some instructions first input data and then fol- low the output operations. For example, ²SET [m].i², ²CLR [m].i², ²CPL [m]², ²CPLA [m]² read the entire port states into the CPU, execute the defined operations (bit-operation), and then write the results back to the latches or to the ac- cumulator. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |