| Electronic Components Datasheet Search |
|
HT49C50 Datasheet(PDF) 9 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT49C50 Datasheet(HTML) 9 Page - Holtek Semiconductor Inc |
|
9 / 52 page ![]() HT49C50 9 August 18, 1999 Functional Description Execution flow The system clock is derived from either a crys- tal or an RC oscillator. It is internally divided into four non-overlapping clocks. One instruc- tion cycle consists of four system clock cycles. Instruction fetching and execution are pipelined in such a way that a fetch takes one instruction cycle while decoding and execution takes the next instruction cycle. The pipelining scheme causes each instruction to effectively execute in a cycle. If an instruction changes the value of the program counter, two cycles are re- quired to complete the instruction. Program counter - PC The program counter (PC) is of 12 bits wide and controls the sequence in which the instructions stored in the program ROM are executed. The contents of the PC can specify a maximum of 4096 addresses. After accessing a program memory word to fetch an instruction code, the value of the PC is incremented by one. The PC then points to the memory word containing the next instruction code. When executing a jump instruction, conditional skip execution, loading a PCL register, a sub- routine call, an initial reset, an internal inter- rupt, an external interrupt, or returning from a subroutine, the PC manipulates the program transfer by loading the address corresponding to each instruction. The conditional skip is activated by instruc- tions. Once the condition is met, the next in- struction, fetched during the current instruction execution, is discarded and a dummy cycle replaces it to get a proper instruc- tion; otherwise proceed with the next instruc- tion. The lower byte of the PC (PCL) is a readable and writeable register (06H). Moving data into the PCL performs a short jump. The destina- tion is within 256 locations. When a control transfer takes place, an addi- tional dummy cycle is required. Program memory - ROM The program memory (ROM) is used to store the program instructions which are to be exe- cuted. It also contains data, table, and inter- rupt entries, and is organized into 4096 ´ 15 bits which are addressed by the PC and table pointer. Certain locations in the ROM are reserved for special usage: · Location 000H Location 000H is reserved for program initial- ization. After chip reset, the program always begins execution at this location. T1 T2 T3 T4 T1 T2 T3 T4 T1 T2 T3 T4 F e tc h IN S T ( P C ) E x ec ut e I N S T ( P C - 1 ) F e tc h IN S T ( P C + 1 ) E x ec ut e I N S T ( P C ) F e tc h IN S T ( P C + 2 ) E x ec ut e I N S T ( P C + 1 ) PC PC + 1 PC + 2 S yst e m C l o ck O S C2 ( RC o n l y ) PC Execution flow |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |