Electronic Components Datasheet Search
  English  ▼

X  

4N45 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # 4N45
Description  High Gain Darlington Output Optocouplers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

4N45 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  4N45 Datasheet HTML 1Page - Agilent(Hewlett-Packard) 4N45 Datasheet HTML 2Page - Agilent(Hewlett-Packard) 4N45 Datasheet HTML 3Page - Agilent(Hewlett-Packard) 4N45 Datasheet HTML 4Page - Agilent(Hewlett-Packard) 4N45 Datasheet HTML 5Page - Agilent(Hewlett-Packard) 4N45 Datasheet HTML 6Page - Agilent(Hewlett-Packard) 4N45 Datasheet HTML 7Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
High Gain Darlington Output
Optocouplers
Technical Data
Features
• High Current Transfer
Ratio–1500% Typical
• Low Input Current
Requirement–0.5 mA
• Performance Guaranteed
over 0
°C to 70°C
Temperature Range
• Internal Base-Emitter
Resistor Minimizes Output
Leakage
• Gain-Bandwidth Adjustment
Pin
• Safety Approval
UL Recognized -2500 V rms for
1 Minute
CSA Approved
Applications
• Telephone Ring Detector
• Digital Logic Ground
Isolation
• Low Input Current Line
Receiver
• Line Voltage Status
Indicator–Low Input Power
Dissipation
• Logic to Reed Relay Interface
• Level Shifting
• Interface Between Logic
Families
The excellent performance over
temperature results from the
inclusion of an integrated emitter-
base bypass resistor which shunts
photodiode and first stage
leakage currents as well as
bleeding off excess base drive to
ground. External access to the
second stage base provides the
capability for better noise
rejection than a conventional
photodarlington detector. An
external resistor or capacitor at
the base can be added to make a
gain-bandwidth or input current
threshold adjustment. The base
lead can also be used for
feedback.
The 4N46 has a 350% minimum
CTR at an input current of only
0.5 mA making it ideal for use in
low input current applications
such as MOS, CMOS and low
power logic interfacing. Compat-
ibility with high voltage CMOS
logic systems is assured by the
20 V minimum breakdown
voltage of the output transistor
and by the guaranteed maximum
output leakage (IOH) at 18 V.
The 4N45 has a 250% minimum
CTR at 1.0 mA input current and
a 7 V minimum breakdown
voltage rating.
Selection for lower input current
down to 250
µA is available upon
request.
4N45
4N46
*JEDEC Registered Data
**JEDEC Registered up to 70
°C.
Functional Diagram
CAUTION: It is advised that normal static precautions be taken in handling and assembly of this component to
prevent damage and/or degradation which may be induced by ESD.
TRUTH TABLE
(POSITIVE LOGIC)
LED
OUTPUT
ON
L
OFF
H
5
1
2
3
4
6
ANODE
CATHODE
VB
GND
VO
Description
The 4N45/46 optocouplers
contain a GaAsP light emitting
diode optically coupled to a high
gain photodetector IC.
The high current transfer ratio at
very low input currents permits
circuit designs in which adequate
margin can be allowed for the
effects of optical coupling
variations.
5965-3576E
1-434


Similar Part No. - 4N45

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
4N45 ISC-4N45 Datasheet
65Kb / 2P
Fast Switching Speed
logo
AVAGO TECHNOLOGIES LIMI...
4N45 AVAGO-4N45 Datasheet
477Kb / 11P
Gain-bandwidth adjustment pin
logo
Inchange Semiconductor ...
4N45-220 ISC-4N45-220 Datasheet
165Kb / 2P
isc N-Channel MOSFET Transistor
4N45-TO-3 ISC-4N45-TO-3 Datasheet
160Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - 4N45

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
6N138 QT-6N138 Datasheet
236Kb / 12P
LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
Fairchild Semiconductor
6N138 FAIRCHILD-6N138 Datasheet
249Kb / 13P
LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL-0700 FAIRCHILD-HCPL-0700 Datasheet
275Kb / 12P
LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL-2731 FAIRCHILD-HCPL-2731 Datasheet
561Kb / 15P
LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL-0700 FAIRCHILD-HCPL-0700_05 Datasheet
687Kb / 12P
LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
6N138 FAIRCHILD-6N138_07 Datasheet
204Kb / 15P
Low Input Current High Gain Split Darlington Optocouplers
6N138M FAIRCHILD-6N138M Datasheet
442Kb / 14P
Low Input Current High Gain Split Darlington Optocouplers
HCPL0700 FAIRCHILD-HCPL0700 Datasheet
443Kb / 13P
Low Input Current High Gain Split Darlington Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
4N46-000E AVAGO-4N46-000E Datasheet
487Kb / 11P
High Gain Darlington Output Optocouplers
logo
Fairchild Semiconductor
HCPL2731SD FAIRCHILD-HCPL2731SD Datasheet
304Kb / 15P
Low Input Current High Gain Split Darlington Optocouplers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com