Electronic Components Datasheet Search
  English  ▼

X  

4N45 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # 4N45
Description  High Gain Darlington Output Optocouplers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

4N45 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  4N45 Datasheet HTML 1Page - Agilent(Hewlett-Packard) 4N45 Datasheet HTML 2Page - Agilent(Hewlett-Packard) 4N45 Datasheet HTML 3Page - Agilent(Hewlett-Packard) 4N45 Datasheet HTML 4Page - Agilent(Hewlett-Packard) 4N45 Datasheet HTML 5Page - Agilent(Hewlett-Packard) 4N45 Datasheet HTML 6Page - Agilent(Hewlett-Packard) 4N45 Datasheet HTML 7Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Switching Specifications
(Over recommended temperature TA = 0°C to 70°C unless otherwise specified. VCC = 5.0 V.
Parameter
Symbol
Min.
Typ.* Max. Units
Test Conditions
Fig.
Note
Propagation Delay Time
tPHL
80
µsT
A = 25°CIF = 0.5 mA
6, 7,
6, 8
to Logic Low at Output
RL = 10 kΩ
8, 9,
tPHL
5
50*
TA = 25°CIF = 10 mA
60
RL = 2.2 kΩ
Propagation Delay Time
tPLH
1500
µsT
A = 25°CIF = 10 mA
6, 7,
6, 8
to Logic High at Output
RL = 10 kΩ
8, 9,
tPLH
150
500*
TA = 25°CIF = 10 mA
600
RL = 220 kΩ
Common Mode
|CMH|
500
V/
µsI
F = 0 mA, RL = 10 kΩ
10
9
Transient Immunity at
|VCM| = 10 VP-P
High Output Level
Common Mode
|CML|
500
V/
µsI
F = 1.0 mA, RL = 10 kΩ
10
9
Transient Immunity at
|VCM| = 10 VP-P
Low Output Level
*JEDEC Registered Data.
**All typicals at TA = 25°C, unless otherwise noted.
DC Electrical Specifications
Over recommended temperature (TA = 0°C to 70°C), unless otherwise specified.
Parameter
Device Symbol Min. Typ.* Max. Units
Test Conditions
Fig.
Note
Current Transfer
4N46
CTR
350* 1500 3200
%
IF = 0.5 mA, VO = 1.0 V
3, 4,
5, 6,
Ratio
500* 1500 2000
IF = 1.0 mA, VO = 1.0 V
5, 11,
8
200*
600
1000
IF = 10 mA, VO = 1.2 V
12
4N45
250* 1200 2000
%
IF = 1.0 mA, VO = 1.0 V
200*
500
1000
IF = 10 mA, VO = 1.2 V
Logic Low
4N46
VOL
0.90
1.0
V
IF = 0.5 mA, IOL = 1.75 mA
3
6
Output Voltage
0.92
1.0
IF = 1.0 mA, IOL = 5.0 mA
0.95
1.2
IF = 10 mA, IOL = 20 mA
4N45
0.90
1.0
V
IF = 1.0 mA, IOL = 2.5 mA
0.95
1.2
IF = 10 mA, IOL = 20 mA
Logic High
4N46
IOH*
0.001
100
µAI
F = 0 mA, VO = 18 V
6
4N45
0.001
250
µAI
F = 0 mA, VO = 5 V
Input Forward Voltage
VF
1.4
1.7*
V
TA = 25°CIF = 1.0 mA
2
1.75
Temperature Coefficient
∆V
F
-1.8
mV/
°CI
F = 1.0 mA
of Forward Voltage
Input Reverse Breakdown
BVR*5
V
IR = 10 µA
Voltage
Input Capacitance
CIN
60
pF
f = 1 MHz, VF = 0
∆T
A
11, 13
11, 13
Output Current
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Output Voltage (4N46)
VO
4.5
20
V
Output Voltage (4N45)
4.5
7
V
Input Current (High)
IF(ON)
0.5
10
mA
Input Voltage (Low)
VF(OFF)
0
0.8
V
Operating Temperature
TA
070
°C
1-437



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com