Electronic Components Datasheet Search
  English  ▼

X  

4N45 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # 4N45
Description  High Gain Darlington Output Optocouplers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

4N45 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  4N45 Datasheet HTML 1Page - Agilent(Hewlett-Packard) 4N45 Datasheet HTML 2Page - Agilent(Hewlett-Packard) 4N45 Datasheet HTML 3Page - Agilent(Hewlett-Packard) 4N45 Datasheet HTML 4Page - Agilent(Hewlett-Packard) 4N45 Datasheet HTML 5Page - Agilent(Hewlett-Packard) 4N45 Datasheet HTML 6Page - Agilent(Hewlett-Packard) 4N45 Datasheet HTML 7Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Regulatory Information
The 4N45 and 4N46 have been
approved by the following
regulatory organizations:
UL
Recognized under UL 1577,
Component Recognition
Program, File E55361.
CSA
Approved under CSA Component
Acceptance Notice #5, File CA
88324.
240
∆T = 115°C, 0.3°C/SEC
0
∆T = 100°C, 1.5°C/SEC
∆T = 145°C, 1°C/SEC
TIME – MINUTES
220
200
180
160
140
120
100
80
60
40
20
0
260
12
3
456789
10
11
12
Thermal Profile (Option #300)
Figure 1. Maximum Solder Reflow Thermal Profile.
(Note: Use of non-chlorine activated fluxes is recommended.)
Insulation and Safety Related Specifications
Parameter
Symbol
Value
Units
Conditions
Min. External Air Gap
L(IO1)
7.1
mm
Measured from input terminals to output
(External Clearance)
terminals, shortest distance through air
Min. External Tracking Path
L(IO2)
7.4
mm
Measured from input terminals to output
(External Creepage)
terminals, shortest distance path along body
Min. Internal Plastic Gap
0.08
mm
Through insulation distance, conductor to
(Internal Clearance)
conductor, usually the direct distance
between the photoemitter and photodetector
inside the optocoupler cavity
Tracking Resistance
CTI
200
Volts
DIN IEC 112/VDE 0303 PART 1
(Comparative Tracking Index)
Isolation Group
IIIa
Material Group (DIN VDE 0110, 1/89, Table 1)
Option 300 – surface mount classification is Class A in accordance with CECC 00802.
Absolute Maximum Ratings
Storage Temperature, TS ............................................. -55°C to +125°C
Operating Temperature, TA ........................................... -40°C to +85°C
Lead Solder Temperature, max .......................................... 260
°C for 10 s
(1.6 mm below seating plane)
Average Input Current, IF ......................................................... 20 mA[1]
Peak Input Current, IF ................................................................... 40 mA
(50% duty cycle, 1 ms pulse width)
Peak Transient Input Current, IF ...................................................... 1.0 A
(
≤ 1 µs pulse width, 300 pps)
Reverse Input Voltage, VR ................................................................. 5 V
Input Power Dissipation, PI .................................................... 35 mW[2]
Output Current, IO (Pin 5) ...................................................... 60 mA[3]
Emitter-Base Reverse Voltage (Pins 4-6) .......................................... 0.5 V
Output Voltage, VO (Pin 5-4)
4N45 ................................................................................. -0.5 to 7 V
4N46 ............................................................................... -0.5 to 20 V
Output Power Dissipation ..................................................... 100 mW[4]
Infrared and Vapor Phase Reflow Temperature
(Option #300) .......................................... see Fig. 1, Thermal Profile
1-436



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com