Electronic Components Datasheet Search
  English  ▼

X  

4N45 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # 4N45
Description  High Gain Darlington Output Optocouplers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

4N45 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  4N45 Datasheet HTML 1Page - Agilent(Hewlett-Packard) 4N45 Datasheet HTML 2Page - Agilent(Hewlett-Packard) 4N45 Datasheet HTML 3Page - Agilent(Hewlett-Packard) 4N45 Datasheet HTML 4Page - Agilent(Hewlett-Packard) 4N45 Datasheet HTML 5Page - Agilent(Hewlett-Packard) 4N45 Datasheet HTML 6Page - Agilent(Hewlett-Packard) 4N45 Datasheet HTML 7Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Ordering Information
Specify part number followed by Option Number (if desired).
4N45#XXX
300 = Gull Wing Surface Mount Lead Option
500 = Tape/Reel Package Option (1 K min)
Option data sheets available. Contact your Hewlett-Packard sales representative or authorized distributor for
information.
Outline Drawing
Outline Drawing – Option 300
9.40 (0.370)
9.90 (0.390)
PIN
ONE
DOT
HPXXXX
YYWW
TYPE
NUMBER
DATE CODE
2.16 (0.085)
2.54 (0.100)
2.28 (0.090)
2.80 (0.110)
(0.020)
(0.040)
0.45 (0.018)
0.65 (0.025)
4.70 (0.185) MAX.
2.66 (0.105) MIN.
6.10 (0.240)
6.60 (0.260)
0.20 (0.008)
0.33 (0.013)
5° TYP.
7.36 (0.290)
7.88 (0.310)
DIMENSIONS IN MILLIMETERS AND (INCHES).
1
2
3
5
6
3
2
1
CATHODE
ANODE
GND
V
VB
O
1.78 (0.070) MAX.
R U
4
UL
RECOGNITION
5
4
6
Schematic
IF
1
2
VF
ANODE
CATHODE
+
–
VB
5
4
GND
VO
IO
6
TRUTH TABLE
(POSITIVE LOGIC)
LED
ON
OFF
OUTPUT
L
H
4N45 Outline – Option 300
4.19
(0.165)
2.29
(0.090)
2.54
(0.100)
TYP.
0.635 ± 0.130
(0.025 ± 0.005)
9.65 ± 0.25
(0.380 ± 0.010)
7.62 ± 0.25
(0.300 ± 0.010)
0.635 ± 0.25
(0.025 ± 0.010)
12° NOM.
0.20 (0.008)
0.30 (0.013)
1.78
(0.070)
MAX.
9.65 ± 0.25
(0.380 ± 0.010)
6.35 ± 0.25
(0.250 ± 0.010)
DIMENSIONS IN mm (INCHES)
TOLERANCES: xx.xx = 0.01
xx.xxx = 0.001
(unless otherwise specified)
LEAD COPLANARITY
MAXIMUM: 0.102 (0.004)
[3] [5]
1.194 (0.047)
1.778 (0.070)
4.826
(0.190)
TYP.
9.398 (0.370)
9.906 (0.390)
MAX.
PAD LOCATION (FOR REFERENCE ONLY)
0.381 (0.015)
0.635 (0.025)
1-435



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com