Electronic Components Datasheet Search
  English  ▼

X  

HCPL2631 Datasheet(PDF) 9 Page - Agilent(Hewlett-Packard)

Part # HCPL2631
Description  High CMR, High Speed TTL Compatible Optocouplers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL2631 Datasheet(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button HCPL2631 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL2631 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL2631 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL2631 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL2631 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL2631 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL2631 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL2631 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL2631 Datasheet HTML 13Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
Absolute Maximum Ratings* (No Derating Required up to 85
°C)
Parameter
Symbol
Package**
Min.
Max.
Units
Note
Storage Temperature
TS
-55
125
°C
Operating Temperature†
TA
-40
85
°C
Average Forward Input Current
IF
Single 8-Pin DIP
20
mA
2
Single SO-8
Widebody
Dual 8-Pin DIP
15
1, 3
Dual SO-8
Reverse Input Voltage
VR
8-Pin DIP, SO-8
5
V
1
Widebody
3
Input Power Dissipation
PI
Widebody
40
mW
Supply Voltage
VCC
7V
(1 Minute Maximum)
Enable Input Voltage (Not to
VE
Single 8-Pin DIP
VCC + 0.5
V
Exceed VCC by more than
Single SO-8
500 mV)
Widebody
Enable Input Current
IE
5mA
Output Collector Current
IO
50
mA
1
Output Collector Voltage
VO
7V
1
Output Collector Power
PO
Single 8-Pin DIP
85
mW
Dissipation
Single SO-8
Widebody
Dual 8-Pin DIP
60
1, 4
Dual SO-8
Lead Solder Temperature
TLS
8-Pin DIP
260
°C for 10 sec.,
(Through Hole Parts Only)
1.6 mm below seating plane
Widebody
260
°C for 10 sec.,
up to seating plane
Solder Reflow Temperature
SO-8 and
See Package Outline
Profile (Surface Mount Parts Only)
Option 300
Drawings section
*JEDEC Registered Data (for 6N137 only).
**Ratings apply to all devices except otherwise noted in the Package column.
†0
°C to 70°C on JEDEC Registration.
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Input Current, Low Level
IFL*
0
250
µA
Input Current, High Level[1]
IFH**
5
15
mA
Power Supply Voltage
VCC
4.5
5.5
V
Low Level Enable Voltage†
VEL
0
0.8
V
High Level Enable Voltage†
VEH
2.0
VCC
V
Operating Temperature
TA
-40
85
°C
Fan Out (at RL = 1 kΩ)[1]
N
5
TTL Loads
Output Pull-up Resistor
RL
330
4 k
Ω
*The off condition can also be guaranteed by ensuring that VFL ≤ 0.8 volts.
**The initial switching threshold is 5 mA or less. It is recommended that 6.3 mA to 10 mA be used for best performance and to permit
at least a 20% LED degradation guardband.
†For single channel products only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com