Electronic Components Datasheet Search
  English  ▼

X  

HCPL2631 Datasheet(PDF) 14 Page - Agilent(Hewlett-Packard)

Part # HCPL2631
Description  High CMR, High Speed TTL Compatible Optocouplers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL2631 Datasheet(HTML) 14 Page - Agilent(Hewlett-Packard)

Back Button HCPL2631 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL2631 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL2631 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL2631 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCPL2631 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HCPL2631 Datasheet HTML 15Page - Agilent(Hewlett-Packard) HCPL2631 Datasheet HTML 16Page - Agilent(Hewlett-Packard) HCPL2631 Datasheet HTML 17Page - Agilent(Hewlett-Packard) HCPL2631 Datasheet HTML 18Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
1.2
0.001
VF – FORWARD VOLTAGE – V
1.0
1000
1.4
0.01
1.6
1.3
1.5
0.1
10
100
WIDEBODY
IF
+
–
VF
1.7
TA = 25 °C
VCC = 5.0 V
VE = 2.0 V*
VOL = 0.6 V
70
60
-60
-20
20
60
100
TA – TEMPERATURE – °C
50
80
40
0
-40
20
40
IF = 10-15 mA
IF = 5.0 mA
* FOR SINGLE
CHANNEL
PRODUCTS ONLY
0.8
0.4
-60
-20
20
60
100
TA – TEMPERATURE – °C
0.2
80
40
0
-40
0
IO = 16 mA
0.1
0.5
0.7
IO = 6.4 mA
WIDEBODY
VCC = 5.5 V
VE = 2.0 V
IF = 5.0 mA
0.3
0.6
IO = 12.8 mA
IO = 9.6 mA
Figure 7. Typical Temperature Coefficient of Forward Voltage vs. Input Current.
Figure 4. Typical Low Level Output Voltage vs. Temperature.
Figure 5. Typical Low Level Output
Current vs. Temperature.
Figure 6. Typical Input Diode Forward Characteristic.
0.8
0.4
-60
-20
20
60
100
TA – TEMPERATURE – °C
0.2
80
40
0
-40
0
IO = 16 mA
0.1
0.5
0.7
IO = 6.4 mA
8-PIN DIP, SO-8
VCC = 5.5 V
VE = 2.0 V*
IF = 5.0 mA
0.3
0.6
IO = 12.8 mA
IO = 9.6 mA
* FOR SINGLE
CHANNEL
PRODUCTS ONLY
1.1
0.001
VF – FORWARD VOLTAGE – V
1.0
1000
1.3
0.01
1.5
1.2
1.4
0.1
TA = 25 °C
10
100
8-PIN DIP, SO-8
IF
+
–
VF
1.6
0.1
1
10
100
IF – PULSE INPUT CURRENT – mA
-1.4
-2.2
-2.0
-1.8
-1.6
-1.2
-2.4
8-PIN DIP, SO-8
0.1
1
10
100
IF – PULSE INPUT CURRENT – mA
-1.9
-2.2
-2.1
-2.0
-1.8
-2.3
WIDEBODY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com