Electronic Components Datasheet Search
  English  ▼

X  

HCPL2631 Datasheet(PDF) 17 Page - Agilent(Hewlett-Packard)

Part # HCPL2631
Description  High CMR, High Speed TTL Compatible Optocouplers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL2631 Datasheet(HTML) 17 Page - Agilent(Hewlett-Packard)

Back Button HCPL2631 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL2631 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCPL2631 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HCPL2631 Datasheet HTML 15Page - Agilent(Hewlett-Packard) HCPL2631 Datasheet HTML 16Page - Agilent(Hewlett-Packard) HCPL2631 Datasheet HTML 17Page - Agilent(Hewlett-Packard) HCPL2631 Datasheet HTML 18Page - Agilent(Hewlett-Packard) HCPL2631 Datasheet HTML 19Page - Agilent(Hewlett-Packard) HCPL2631 Datasheet HTML 20Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
17
Figure 16. Thermal Derating Curve, Dependence of Safety Limiting Value with
Case Temperature per IEC/EN/DIN EN 60747-5-2.
Figure 17. Recommended Printed Circuit Board Layout.
0
0
TS – CASE TEMPERATURE – °C
175
50
400
125
25
75
100
150
600
800
200
100
300
500
700
PS (mW)
IS (mA)
HCNWXXXX
GND BUS (BACK)
VCC BUS (FRONT)
ENABLE
0.1µF
10 mm MAX.
(SEE NOTE 5)
OUTPUT
NC
NC
SINGLE CHANNEL
DEVICE ILLUSTRATED.
0
0
TS – CASE TEMPERATURE – °C
200
50
400
125
25
75 100
150
600
800
200
100
300
500
700
PS (mW)
IS (mA)
HCPL-2611 OPTION 060
175



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com