Electronic Components Datasheet Search
  English  ▼

X  

HCPL2631 Datasheet(PDF) 10 Page - Agilent(Hewlett-Packard)

Part # HCPL2631
Description  High CMR, High Speed TTL Compatible Optocouplers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL2631 Datasheet(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button HCPL2631 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL2631 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL2631 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL2631 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL2631 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL2631 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL2631 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL2631 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCPL2631 Datasheet HTML 14Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
Electrical Specifications
Over recommended temperature (TA = -40°C to +85°C) unless otherwise specified. All Typicals at VCC = 5 V,
TA = 25°C. All enable test conditions apply to single channel products only. See note 5.
Parameter
Sym.
Package
Min.
Typ.
Max.
Units
Test Conditions
Fig.
Note
High Level Output
IOH*
All
5.5
100
µAV
CC = 5.5 V, VE = 2.0 V,
1
1, 6,
Current
VO = 5.5 V, IF = 250 µA19
Input Threshold
ITH
Single Channel
2.0
5.0
mA
VCC = 5.5 V, VE = 2.0 V,
2, 3
19
Current
Widebody
VO = 0.6 V,
Dual Channel
2.5
IOL (Sinking) = 13 mA
Low Level Output
VOL*
8-Pin DIP
0.35
0.6
V
VCC = 5.5 V, VE = 2.0 V,
2, 3,
1, 19
Voltage
SO-8
IF = 5 mA,
4, 5
Widebody
0.4
IOL (Sinking) = 13 mA
High Level Supply
ICCH
Single Channel
7.0
10.0*
mA
VE = 0.5 V VCC = 5.5 V
7
Current
6.5
VE = VCC
IF = 0 mA
Dual Channel
10
15
Both
Channels
Low Level Supply
ICCL
Single Channel
9.0
13.0*
mA
VE = 0.5 V VCC = 5.5 V
8
Current
8.5
VE = VCC
IF = 10 mA
Dual Channel
13
21
Both
Channels
High Level Enable
IEH
Single Channel
-0.7
-1.6
mA
VCC = 5.5 V, VE = 2.0 V
Current
Low Level Enable
IEL*
-0.9
-1.6
mA
VCC = 5.5 V, VE = 0.5 V
9
Current
High Level Enable
VEH
2.0
V
19
Voltage
Low Level Enable
VEL
0.8
V
Voltage
Input Forward
VF
8-Pin DIP
1.4
1.5
1.75*
V
TA = 25°CIF = 10 mA
6, 7
1
Voltage
SO-8
1.3
1.80
Widebody
1.25
1.64
1.85
TA = 25°C
1.2
2.05
Input Reverse
BVR*
8-Pin DIP
5
V
IR = 10 µA1
Breakdown
SO-8
Voltage
Widebody
3
IR = 100 µA, TA = 25°C
Input Diode
∆V
F /
8-Pin DIP
-1.6
mV/
°C I
F = 10 mA
7
1
Temperature
∆T
A
SO-8
Coefficient
Widebody
-1.9
Input Capacitance
CIN
8-Pin DIP
60
pF
f = 1 MHz, VF = 0 V
1
SO-8
Widebody
70
*JEDEC registered data for the 6N137. The JEDEC Registration specifies 0
°C to +70°C. HP specifies -40°C to +85°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com