Electronic Components Datasheet Search
  English  ▼

X  

AT30TS74 Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT30TS74
Description  Digital Temperature Sensor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT30TS74 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT30TS74 Datasheet HTML 7Page - ATMEL Corporation AT30TS74 Datasheet HTML 8Page - ATMEL Corporation AT30TS74 Datasheet HTML 9Page - ATMEL Corporation AT30TS74 Datasheet HTML 10Page - ATMEL Corporation AT30TS74 Datasheet HTML 11Page - ATMEL Corporation AT30TS74 Datasheet HTML 12Page - ATMEL Corporation AT30TS74 Datasheet HTML 13Page - ATMEL Corporation AT30TS74 Datasheet HTML 14Page - ATMEL Corporation AT30TS74 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
11
AT30TS74 [PRELIMINARY DATASHEET]
Atmel-8897D-DTS-AT30TS74-Datasheet_102014
4.3
Temperature Measurements
The AT30TS74 utilizes a band-gap type temperature sensor with an internal sigma-delta Analog-to-Digital
Converter (ADC) to measure and convert the temperature reading into a digital value with a selectable
resolution as high as 0.0625
C. The measured temperature is calibrated in degrees Celsius; therefore, a lookup
table or conversion routine is necessary for applications that wish to deal in degrees Fahrenheit.
The result of the digitized temperature measurements are stored in the internal Temperature Register of the
AT30TS74, which is readable at any time through the device's serial interface. When in the normal operating
mode, the device performs continuous temperature measurements and updates the contents of the
Temperature Register (see Section 5.2, “Temperature Register”) after each analog-to-digital conversion.
The resolution of the temperature measurement data can be configured to 9, 10, 11, or 12 bits which corresponds
to temperature increments of 0.5
C, 0.25C, 0.125C, and 0.0625C, respectively. Selecting the temperature
resolution is done using the R1 and R0 bits in the Configuration Register (see Section 5.3, “Configuration
Register”). The ADC conversion time does increase with each bit of higher resolution, so careful consideration
should be given to the resolution versus conversion time relationship. The default resolution after device
power-up or reset is nine bits, which retains backwards compatibility to industry-standard LM75-type devices.
With 12 bits of resolution, the AT30TS74 can theoretically measure a temperature range of 255
C (-128C to
+127
C); however, the device is only designed to measure temperatures over a range of -55C to +125C.
4.4
Temperature Alarm
After the measured temperature value has been stored into the Temperature Register, the data will be
compared with both the high and low temperature limits defined by the values stored in the THIGH Limit Register
and TLOW Limit Register. If the comparison results in a valid fault condition (see Section 4.4.1, “Fault Tolerance
Limits”), then the device will activate the ALERT output pin.
The polarity and function of the ALERT pin can be configured by using specific bits in the Configuration
Register. The ALERT pin defaults to the active low state after device power-up or reset but can be reconfigured
to active high by setting the POL bit in the Configuration Register to a Logic 1. The function of the ALERT pin
changes based on the Alarm Thermostat mode, which can be configured to either Comparator mode (see
Section 4.4.2, “Comparator Mode”) or Interrupt mode (see Section 4.4.3, “Interrupt Mode”) by using the
CMP/INT bit in the Configuration Register. The Comparator mode is the default operating mode after the device
powers up or resets.
The value of the high temperature limit stored in the THIGH Limit Register must be greater than the value of the
low temperature limit stored in the TLOW Limit Register in order for the ALERT function to work properly;
otherwise, the ALERT pin will output erroneous results and will falsely signal temperature alarms.
4.4.1
Fault Tolerance Limits
A temperature fault occurs if the measured temperature meets or exceeds either the high temperature limit set
by the THIGH Limit Register or the low temperature limit set by the TLOW Limit Register. To prevent false alarms
due to environmental or temperature noise, the device incorporates a fault tolerance queue that requires
consecutive temperature faults to occur before resulting in a valid fault condition. The fault tolerance queue
value is controlled by the FT1 and FT0 bits in the Configuration Register and can be set to a single fault count of
1 or a count of 2, 4, or 6 consecutive faults.
An internal counter that automatically increments after a temperature fault is used to determine if the fault
tolerance queue setting has been met. After incrementing the fault counter, the device will compare the count to
the fault tolerance queue setting to see if a valid fault condition should be triggered. Once a valid fault condition
occurs, the device will activate the ALERT output pin. If the most recent measured temperature does not meet
or exceed the high or low temperature limit, then the internal fault counter will be reset back to zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com