Electronic Components Datasheet Search
  English  ▼

X  

AT30TS74 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT30TS74
Description  Digital Temperature Sensor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT30TS74 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT30TS74 Datasheet HTML 9Page - ATMEL Corporation AT30TS74 Datasheet HTML 10Page - ATMEL Corporation AT30TS74 Datasheet HTML 11Page - ATMEL Corporation AT30TS74 Datasheet HTML 12Page - ATMEL Corporation AT30TS74 Datasheet HTML 13Page - ATMEL Corporation AT30TS74 Datasheet HTML 14Page - ATMEL Corporation AT30TS74 Datasheet HTML 15Page - ATMEL Corporation AT30TS74 Datasheet HTML 16Page - ATMEL Corporation AT30TS74 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
13
AT30TS74 [PRELIMINARY DATASHEET]
Atmel-8897D-DTS-AT30TS74-Datasheet_102014
Figure 4-3.
Comparator Mode (Fault Tolerance Queue = 2)
4.4.3
Interrupt Mode
Similar to the Comparator mode, when the device operates in the Interrupt mode, the ALERT pin will go active if
the measured temperature meets or exceeds the high temperature limit set by the THIGH Limit Register and a
valid fault condition exists (the consecutive number of temperature faults has been reached). Unlike the
Comparator mode, however, the ALERT pin will remain active until one of three normal operation events takes
place: any one of the device's registers is read, the device responds to an SMBus Alert Response Address
(ARA), or the device is put into Shutdown mode.
Once the ALERT pin returns to the inactive state, it will not go active again until the measured temperature
drops below the low temperature limit set by the TLOW Limit Register for the appropriate number of consecutive
faults. Again, the ALERT pin will remain active until one of the device's registers is read, the device responds to
an SMBus ARA, or the device is placed into the Shutdown mode.
After the ALERT pin becomes inactive again, the cycle will repeat itself with the ALERT pin going active after the
measured temperature meets or exceeds the THIGH Limit Register value for the proper number of consecutive
faults. This process is cyclical between THIGH and TLOW temperature alarms (e.g. THIGH event, ALERT clear,
TLOW event, ALERT clear, THIGH event, ALERT clear, TLOW event, etc.).
In order for the ALERT pin to normally become active for the first time in the Interrupt Mode, the first event must
be a THIGH temperature alarm event. Therefore, even if the measured temperature initially starts off between the
THIGH and TLOW limits and then drops below the TLOW temperature limit and has met valid fault conditions, the
ALERT pin will still not go active. The high temperature limit set by the THIGH Limit Register must be greater than
the low temperature limit set by the TLOW Limit Register in order for the ALERT pin to activate correctly.
If switching from Comparator mode to Interrupt mode while the ALERT pin is already active, then the ALERT pin
will remain active until it is cleared by one of the events already detailed: any one of the device's registers is
read, the device responds to an SMBus ARA, or the device is put into Shutdown mode. The ALERT pin will also
return to the inactive state if the device receives the General Call Reset command. When reset, the state of the
Configuration Register will return to the power-on default state which will put the device back into the
Comparator mode.
Temperature Measurements/Conversions
THIGH Limit
Temperature
TLOW Limit
ALERT
(Active High, POL = 1)
ALERT
(Active Low, POL = 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com