Electronic Components Datasheet Search
  English  ▼

X  

AT30TS74 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT30TS74
Description  Digital Temperature Sensor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT30TS74 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT30TS74 Datasheet HTML 1Page - ATMEL Corporation AT30TS74 Datasheet HTML 2Page - ATMEL Corporation AT30TS74 Datasheet HTML 3Page - ATMEL Corporation AT30TS74 Datasheet HTML 4Page - ATMEL Corporation AT30TS74 Datasheet HTML 5Page - ATMEL Corporation AT30TS74 Datasheet HTML 6Page - ATMEL Corporation AT30TS74 Datasheet HTML 7Page - ATMEL Corporation AT30TS74 Datasheet HTML 8Page - ATMEL Corporation AT30TS74 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
AT30TS74 [PRELIMINARY DATASHEET]
Atmel-8897D-DTS-AT30TS74-Datasheet_102014
2
Description
The Atmel® AT30TS74 is a complete, precise temperature monitoring device designed for use in a variety of
applications which require the measuring of local temperatures as an integral part of the system's function
and/or reliability. The AT30TS74 device combines a high-precision digital temperature sensor, programmable
high and low temperature alarms, and a 2-Wire I2C and SMBus (System Management Bus) compatible serial
interface into a single compact package.
The temperature sensor can measure temperatures over the full -55
C to +125C temperature range and has a
maximum accuracy of ±2.0
C from -20C to +100C. The result of the digitized temperature measurements are
stored in one of the AT30TS74 internal registers, which is readable at any time through the device's serial
interface.
The AT30TS74 utilizes flexible, user-programmable internal registers to configure the temperature sensor's
performance and response to high and low temperature conditions. A dedicated alarm output activates if the
temperature measurement exceeds the user-defined temperature and fault count limits. To reduce current
consumption and save power, the AT30TS74 features a Shutdown mode which turns off all internal circuitry
except for the internal Power-On Reset (POR) and serial interface circuits.
The AT30TS74 is factory-calibrated and requires no external components to measure temperature. With its
flexibility and high-degree of accuracy, the AT30TS74 is ideal for extended temperature measurements in a
wide variety of communication, computer, consumer, environmental, industrial, and instrumentation
applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com