Electronic Components Datasheet Search
  English  ▼

X  

AT30TS74 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT30TS74
Description  Digital Temperature Sensor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT30TS74 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT30TS74 Datasheet HTML 17Page - ATMEL Corporation AT30TS74 Datasheet HTML 18Page - ATMEL Corporation AT30TS74 Datasheet HTML 19Page - ATMEL Corporation AT30TS74 Datasheet HTML 20Page - ATMEL Corporation AT30TS74 Datasheet HTML 21Page - ATMEL Corporation AT30TS74 Datasheet HTML 22Page - ATMEL Corporation AT30TS74 Datasheet HTML 23Page - ATMEL Corporation AT30TS74 Datasheet HTML 24Page - ATMEL Corporation AT30TS74 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
21
AT30TS74 [PRELIMINARY DATASHEET]
Atmel-8897D-DTS-AT30TS74-Datasheet_102014
to set the value of the Configuration Register. Only the first data byte sent to the AT30TS74 will be recognized
as valid data; any subsequent bytes received by the device will simply be ignored. If the Master does not send a
complete byte of Configuration Register data prior to issuing a Stop or repeated Start condition, then the
AT30TS74 will ignore the data and the contents of the Configuration Register will be unchanged.
5.3.1
OS Bit
The OS bit is used to enable the One-Shot Temperature Measurement mode. When a Logic 1 is written to the
OS bit while the AT30TS74 is in the Shutdown mode, the device will become active and perform a single
temperature measurement and conversion. After the Temperature Register has been updated with the
measured temperature data, the device will return to the low-power Shutdown mode and clear the OS bit.
Writing a one to the OS bit when the device is not in the Shutdown mode will have no affect. When reading the
Configuration Register, the OS bit will always be read as a Logic 0.
5.3.2
R1:R0 Bits
The R1 and R0 bits are used to select the conversion resolution of the internal sigma-delta ADC. Four possible
resolutions can be set to maximize for either higher resolution or faster conversion times. The R1 and R0 bits
default to the Logic 0 state after device power-up or reset to retain backwards compatibility to industry-standard
LM75-type devices.
Table 5-6.
Conversion Resolution
5.3.3
FT1:FT0 Bits
The FT1 and FT0 bits are used to set the fault tolerance queue value which defines how many consecutive
faults must occur before the ALERT pin will be activated (see Section 4.4.1, “Fault Tolerance Limits”). The FT1
and FT0 bit settings provide four different fault values as detailed in Table 5-7. After the device powers up or
resets, both the FT1 and FT0 bits will default to the Logic 0 state.
Table 5-7.
Fault Tolerance Queue
R1
R0
Conversion Resolution
Conversion Time
0
0
9 bits
0.5°C
25ms
0
1
10 bits
0.25°C
50ms
1
0
11 bits
0.125°C
100ms
1
1
12 bits
0.0625°C
200ms
NVFT1
NVFT0
Consecutive Faults Required
0
0
1
0
1
2
1
0
4
1
1
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com