Electronic Components Datasheet Search
  English  ▼

X  

ATA6629 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # ATA6629
Description  LIN Bus Transceiver with Integrated Voltage Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6629 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button ATA6629 Datasheet HTML 9Page - ATMEL Corporation ATA6629 Datasheet HTML 10Page - ATMEL Corporation ATA6629 Datasheet HTML 11Page - ATMEL Corporation ATA6629 Datasheet HTML 12Page - ATMEL Corporation ATA6629 Datasheet HTML 13Page - ATMEL Corporation ATA6629 Datasheet HTML 14Page - ATMEL Corporation ATA6629 Datasheet HTML 15Page - ATMEL Corporation ATA6629 Datasheet HTML 16Page - ATMEL Corporation ATA6629 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
13
ATA6629/ATA6631 [DATASHEET]
9165F–AUTO–10/14
A wake-up event from either silent or sleep mode will be signalled to the microcontroller using the two pins RXD and TXD.
The coding is shown in Table 4-3.
A wake-up event will lead the IC to the fail-safe mode.
4.6
Unpowered Mode
If you connect battery voltage to the application circuit, the voltage at the VS pin increases according to the block capacitor
(see Figure 6-1 on page 15). After VS is higher than the VS undervoltage threshold VSth, the IC mode changes from
unpowered mode to fail-safe mode. The VCC output voltage reaches its nominal value after tVCC. This time, tVCC, depends
on the VCC capacitor and the load.
The NRES is low for the reset time delay treset. During this time, treset, no mode change is possible.
IF VS drops below VSth, then the IC switches to unpowered mode. The behaviour of VCC, NRES and LIN is shown in
Figure 4-8.
Figure 4-8. VCC versus VS for the VCC = 3.3V Regulator
Table 4-3.
Signalling Fail-safe Sources
Fail-safe Sources
TXD
RXD
LIN wake up (pin LIN)
Low
Low
VSth (battery) undervoltage detection
High
Low
VCC
LIN
NRES
VS
Regulator drop voltage V
D
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VS in V
5.5
6.0
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com