Electronic Components Datasheet Search
  English  ▼

X  

ATA6629 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATA6629
Description  LIN Bus Transceiver with Integrated Voltage Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6629 Datasheet(HTML) 2 Page - ATMEL Corporation

  ATA6629 Datasheet HTML 1Page - ATMEL Corporation ATA6629 Datasheet HTML 2Page - ATMEL Corporation ATA6629 Datasheet HTML 3Page - ATMEL Corporation ATA6629 Datasheet HTML 4Page - ATMEL Corporation ATA6629 Datasheet HTML 5Page - ATMEL Corporation ATA6629 Datasheet HTML 6Page - ATMEL Corporation ATA6629 Datasheet HTML 7Page - ATMEL Corporation ATA6629 Datasheet HTML 8Page - ATMEL Corporation ATA6629 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
ATA6629/ATA6631 [DATASHEET]
9165F–AUTO–10/14
2
1.
Description
Atmel® ATA6629/ATA6631 is a fully integrated LIN transceiver, designed according to the LIN specification 2.0, 2.1 and
SAEJ2602-2, with a low-drop voltage regulator (3.3V/5V/85mA). The combination of voltage regulator and bus transceiver
makes it possible to develop simple, but powerful, slave nodes in LIN bus systems. ATA6629/ATA6631 is designed to
handle the low-speed data communication in vehicles (for example, in convenience electronics). Improved slope control at
the LIN driver ensures secure data communication up to 20kBaud. The bus output is designed to withstand high voltage.
Sleep mode and silent mode guarantee minimized current consumption even in the case of a floating or a short circuited
LIN-bus.
Figure 1-1. Block Diagram
3
GND
2
EN
6
TXD
5
RXD
VCC
8
NRES
7
Short-circuit and
overtemperature
protection
Normal/Silent/
Fail-safe Mode
3.3V/5V
Control
unit
Normal and
Fail-safe
Mode
RF-filter
LIN
VS
1
4
TXD
Time-out
timer
Slew rate control
Undervoltage reset
Sleep
mode
VCC
switched
off
Wake-up bus timer
Atmel ATA6629/ATA6631
Receiver
V
CC
-
+
V
CC
5kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com